Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG72125S263AJD3 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG72125S263AJD3
Description  1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72125S263AJD3 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG72125S263AJD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG72125S263AJD3 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
W3EG72125S-D3
-JD3
-AJD3
November 2004
Rev. 2
PRELIMINARY
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
0°C ≤ TA ≤ +70°C; VCC = +2.5V ±0.2V, VCCQ = +2.5V ±0.2V
AC Characteristics
335
262/263/265
202
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Units
Notes
Access window of DQs from CK, CK#
tAC
-0.7
+0.7
-0.75
+0.75
-0.8
+0.8
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
Clock cycle time
CL=2.5
tCK (2.5)
6
13
7.5
13
8
13
ns
22
CL=2
tCK (2)
7.5
13
7.5/10
13
10
13
ns
22
DQ and DM input hold time relative to DQS
tDH
0.45
0.5
0.6
ns
14,17
DQ and DM input setup time relative to DQS
tDS
0.45
0.5
0.6
ns
14,17
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
2
ns
17
Access window of DQS from CK, CK#
tDQSCK
-0.60
+0.60
-0.75
+0.75
-0.8
+0.8
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group, per access
tDQSQ
0.35
0.5
0.6
ns
13,14
Write command to first DQS latching transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
0.2
0.2
0.2
tCK
Half clock period
tHP
tCH, tCL
tCH, tCL
tCH, tCL
ns
18
Data-out high-impedance window from CK, CK#
tHZ
+0.70
+0.75
+0.8
ns
8,19
Data-out low-impedance window from CK, CK#
tLZ
-0.70
-0.75
-0.8
ns
8,20
Address and control input hold time (fast slew rate)
tIHf
0.75
0.90
1.1
ns
6
Address and control input set-up time (fast slew rate)
tISf
0.75
0.90
1.1
ns
6
Address and control input hold time (slow slew rate)
tIHs
0.80
1
1.1
ns
6
Address and control input setup time (slow slew rate)
tISs
0.80
1
1.1
ns
6
Address and control input pulse width (for each input)
tIPW
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
12
15
16
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per access
tQH
tHP-tQHS
tHP-tQHS
tHP-tQHS
ns
13,14
Data hold skew factor
tQHS
0.50
0.75
1
ns
ACTIVE to PRECHARGE command
tRAS
42
120,000
40
120,000
40
120,000
ns
15
ACTIVE to READ with Auto precharge command
tRAP
18
20
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
60
65
70
ns
AUTO REFRESH command period
tRFC
72
75
80
ns
21


Similar Part No. - W3EG72125S263AJD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126MS100AJD3MF WEDC-W3EG72126MS100AJD3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3MG WEDC-W3EG72126MS100AJD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SF WEDC-W3EG72126MS100AJD3SF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SG WEDC-W3EG72126MS100AJD3SG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100D3MF WEDC-W3EG72126MS100D3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72125S263AJD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com