Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG72125S262D3 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3EG72125S262D3
Description  1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72125S262D3 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3EG72125S262D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG72125S262D3 Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W3EG72125S-D3
-JD3
-AJD3
November 2004
Rev. 2
PRELIMINARY
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS (continued)
0°C ≤ TA ≤ +70°C; VCC = +2.5V ±0.2V, VCCQ = +2.5V ±0.2V
AC Characteristics
335
262/263/265
202
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Units
Notes
ACTIVE to READ or WRITE delay
tRCD
18
20
20
ns
PRECHARGE command period
tRP
18
20
20
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
19
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
ACTIVE bank a to ACTIVE bank b command
tRRD
12
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
0
0
0
ns
10,11
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
9
Write recovery time
tWR
15
15
15
ns
Internal WRITE to READ command delay
tWTR
111
tCK
Data valid output window
NA
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
13
REFRESH to REFRESH command interval
tREFC
70.3
70.3
70.3
μs
12
Average periodic refresh interval
tREFI
7.8
7.8
7.8
μs
12
Terminating voltage delay to VCC
tVTD
000
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
80
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
tCK


Similar Part No. - W3EG72125S262D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126MS100AJD3MF WEDC-W3EG72126MS100AJD3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3MG WEDC-W3EG72126MS100AJD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SF WEDC-W3EG72126MS100AJD3SF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SG WEDC-W3EG72126MS100AJD3SG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100D3MF WEDC-W3EG72126MS100D3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72125S262D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com