Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4049N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4049N
Description  Hex inverting high-to-low level shifter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4049N Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC4049N Datasheet HTML 1Page - NXP Semiconductors 74HC4049N Datasheet HTML 2Page - NXP Semiconductors 74HC4049N Datasheet HTML 3Page - NXP Semiconductors 74HC4049N Datasheet HTML 4Page - NXP Semiconductors 74HC4049N Datasheet HTML 5Page - NXP Semiconductors 74HC4049N Datasheet HTML 6Page - NXP Semiconductors 74HC4049N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
74HC4049
DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max.
min.
max.
VIH
HIGH level input
voltage
1.5
3.15
4.2
1.3
2.4
3.1
1.5
3.15
4.2
1.5
3.15
4.2
V
2.0
4.5
6.0
VIL
LOW level input
voltage
0.7
1.8
2.3
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
2.0
4.5
6.0
VOH
HIGH level
output voltage
all outputs
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
2.0
4.5
6.0
VIH
or
VIL
−IO =20 µA
−IO =20 µA
−IO =20 µA
VOH
HIGH level
output voltage
standard outputs
3.98
5.48
3.84
5.34
3.7
5.2
V
4.5
6.0
VIH
or
VIL
−IO = 4.0 mA
−IO = 5.2 mA
VOL
LOW level
output voltage
all outputs
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
2.0
4.5
6.0
VIH
or
VIL
IO =20 µA
IO =20 µA
IO =20 µA
VOL
LOW level
output voltage
standard outputs
0.26
0.26
0.33
0.33
0.4
0.4
V
4.5
6.0
VIH
or
VIL
IO = 4.0 mA
IO = 5.2 mA
± I
I
input leakage
current
0.1
1.0
1.0
µA
6.0
VCC
or
GND
0.5
5.0
5.0
µA
2.0
to
6.0
15 V
ICC
quiescent
supply current
2.0
20.0
40.0
µA
6.0
15 V
or
GND


Similar Part No. - 74HC4049N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
logo
Toshiba Semiconductor
74HC4049D TOSHIBA-74HC4049D Datasheet
205Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.4.0
logo
Nexperia B.V. All right...
74HC4049D NEXPERIA-74HC4049D Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
74HC4049PW NEXPERIA-74HC4049PW Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
More results

Similar Description - 74HC4049N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com