Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG64255S265JD3XG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG64255S265JD3XG
Description  2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64255S265JD3XG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG64255S265JD3XG Datasheet HTML 1Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64255S265JD3XG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W3EG64255S-JD3
4
White Electronic Designs
April 2005
Rev. 3
ADVANCED
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 - 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 - 3.6
V
Storage Temperature
TSTG
-55 - +150
°C
Power Dissipation
PD
27
W
Short Circuit Current
I0S
50
mA
Note: Permanent device damage may occur if ‘ABSOLUTE MAXIMUM RATINGS’ are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
0.49 x VCCQ
0.51 x VCCQ
V
Termination Voltage
VTT
VREF - 0.04
VREF + 0.04
V
Input High Voltage
VIH
VREF + 0.15
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
VREF - 0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT - 0.76
V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A13)
CIN1
6.5
pF
Input Capacitance (RAS#, CAS#, WE#)
CIN2
6.5
pF
Input Capacitance (CKE0)
CIN3
6.5
pF
Input Capacitance (CK0,CK0#)
CIN4
5.5
pF
Input Capacitance (S0#)
CIN5
6.5
pF
Input Capacitance (DQM0-DQM8)
CIN6
13.0
pF
Input Capacitance (BA0-BA1)
CIN7
6.5
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
13.0
pF
Data input/output capacitance (CB0-CB7)
COUT
13.0
pF
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 2.5V ± 0.2V


Similar Part No. - W3EG64255S265JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64255MS100JD3GG WEDC-W3EG64255MS100JD3GG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS100JD3MG WEDC-W3EG64255MS100JD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS100JD3SG WEDC-W3EG64255MS100JD3SG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS133JD3GG WEDC-W3EG64255MS133JD3GG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS133JD3MG WEDC-W3EG64255MS133JD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG64255S265JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Elpida Memory
EBD21RD4ABNA ELPIDA-EBD21RD4ABNA Datasheet
177Kb / 19P
   2GB Registered DDR SDRAM DIMM
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com