Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMX-94FAS40DC12V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JMX-94FAS40DC12V
Description  Magnet latching relay Small size, light weight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JMX-94FAS40DC12V Datasheet(HTML) 2 Page - DB Lectro Inc

  JMX-94FAS40DC12V Datasheet HTML 1Page - DB Lectro Inc JMX-94FAS40DC12V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1500V
50Hz 4000V
Item 6 of IEC255-5
Item 6 of IEC255-5
Creepage distance
8.4mm
Addenda B of IEC255-5
Shock resistance
Functional 100m/s
2;Survival:1000 m/s2 11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
33g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
CCEE
Load
80A/220VAC
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
3).Relays shall have plus(+)
signs placed on the circuit diagram as shown.
Reference Data
JMX-94F
Dimensions
mm
inch
0.4
0.016
0.6
0.024
1.0
0.039
1.2
0.047
2.5
0.098
2.8
0.110
3.5
0.138
5.08
0.200
5.5
0.217
8.5
0.335
9
0.354
10
0.394
11
0.433
12
0.472
14
0.551
17.5
0.689
20
0.787
25.4
1.000
25.6
1.008
28
1.102
30
1.181
39
1.535
(assistant mounting terminal)
8,5
0.6
20
5,5
9
12
39
28
5,08
3-1X0.4
5,08
2.8
14
3-Φ1.2
(1.0)
(3-0.6X0.6)
Wiring diagram
Mounting (Bottom views)
+
www.dblectro.com


Similar Part No. - JMX-94FAS40DC12V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94FAS40DC12V DBLECTRO-JMX-94FAS40DC12V Datasheet
2Mb / 3P
   Well anti-shock and anti-vibration
More results

Similar Description - JMX-94FAS40DC12V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
NV2R HUAXINAN-NV2R Datasheet
806Kb / 1P
   Small size, light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com