Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG7266S335BD4I Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG7266S335BD4I
Description  512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7266S335BD4I Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG7266S335BD4I Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7266S335BD4I Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
W3EG7266S-AD4
-BD4
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 7
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
DDR400: VCC = VCCQ = +2.6V ± 0.1V
AC CHARACTERISTICS
403
355
262
265
202
PARAMETER
SYMBOL MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS NOTES
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
17
Write recovery time
tWR
15
15
15
15
15
ns
Internal WRITE to READ command delay
tWTR
21111
tCK
Data valid output window
na
tQH - tDQSQ
tQH - tDQSQ
tQH - tDQSQ
tQH - tDQSQ
tQH - tDQSQ
ns
22
REFRESH to REFRESH command interval
tREFC
70.3
70.3
70.3
70.3
70.3
µs
21
Average periodic refresh interval
tREFI
7.8
7.8
7.8
7.8
7.8
µs
21
Terminating voltage delay to VCC
tVTD
00000
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
75
75
80
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
200
200
tCK


Similar Part No. - W3EG7266S335BD4I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S202D3 WEDC-W3EG7266S202D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S262D3 WEDC-W3EG7266S262D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S265D3 WEDC-W3EG7266S265D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG7266S335BD4I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com