Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG7266S265AD4 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG7266S265AD4
Description  512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7266S265AD4 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG7266S265AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG7266S265AD4 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
W3EG7266S-AD4
-BD4
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 7
PRELIMINARY
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS FOR BD4
67.56
(2.666) MAX
1.0 ± 0.1
(0.039 ± 0.004)
3.81
(0.150) MAX.
2.31
(0.091) REF.
4.19
(0.165)
1.80
(0.071)
3.98
(0.157) MIN.
47.40
(1.866)
11.40
(0.449)
31.75
(1.25)
3.98 ± 0.1
(0.157 ± 0.004)
20
(0.787)
ORDERING INFORMATION FOR BD4
Part Number
Speed
Height*
Commercial Operating Range
W3EG7266S403BD4
200MHz/400Mbps, CL=3
31.75 (1.25")
0°C to 70°C
W3EG7266S335BD4
166MHz/333Mbps, CL=2.5
31.75 (1.25")
0°C to 70°C
W3EG7266S262BD4
133MHz/266Mbps, CL=2
31.75 (1.25")
0°C to 70°C
W3EG7266S265BD4
133MHz/266Mbps, CL=2.5
31.75 (1.25")
0°C to 70°C
W3EG7266S202BD4
100MHz/200Mbps, CL=2
31.75 (1.25")
0°C to 70°C
INDUSTRIAL
Part Number
Speed
Height*
Industrial Operating Range
W3EG7266S403BD4I
200MHz/400Mbps, CL=3
31.75 (1.25")
-40°C to 85°C
W3EG7266S335BD4I
166MHz/333Mbps, CL=2.5
31.75 (1.25")
-40°C to 85°C
W3EG7266S262BD4I
133MHz/266Mbps, CL=2
31.75 (1.25")
-40°C to 85°C
W3EG7266S265BD4I
133MHz/266Mbps, CL=2.5
31.75 (1.25")
-40°C to 85°C
W3EG7266S202BD4I
100MHz/200Mbps, CL=2
31.75 (1.25")
-40°C to 85°C
NOTES:
• Consult Factory for availability of Lead-Free products. (F = Lead-Free, G = RoHS Compliant)
• Product specific part numbers are available for source control if needed, please consult factory for the correct part number if a specific component vendor is preferred.
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3EG7266S265AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S265D3 WEDC-W3EG7266S265D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG7266S265AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com