Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG64128S335BD4 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG64128S335BD4
Description  1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64128S335BD4 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG64128S335BD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64128S335BD4 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG64128S-AD4
-BD4
May 2004
Rev. 0
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 3.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
9W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC CHARACTERISTICS
0°c
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
1.15
1.35
V
Termination Voltage
VTT
1.15
1.35
V
Input High Voltage
VIH
VREF+0.15
VDDQ+0.3
V
Input Low Voltage
VIL
-0.3
VREF-0.15
V
Output High Voltage
VOH
VTT+0.76
V
Output Low Voltage
VOL
—VTT-0.76
V
CAPACITANCE
TA = 23°C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
53
pF
Input Capacitance (RAS#, CAS#, WE#)
CIN2
53
pF
Input Capacitance (CKE0, CKE1)
CIN3
53
pF
Input Capacitance (CK0, CK0#)
CIN4
5.5
pF
Input Capacitance (CS0#, CS1#)
CIN5
53
pF
Input Capacitance (DQM0-DQM8)
CIN6
8pF
Input Capacitance (BA0-BA1)
CIN7
53
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
8pF
Data input/output capacitance (CB0-CB7)
COUT
8pF


Similar Part No. - W3EG64128S335BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S335D3 WEDC-W3EG64128S335D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S335JD3 WEDC-W3EG64128S335JD3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG64128S335BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com