Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG7262S265JD3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG7262S265JD3
Description  512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7262S265JD3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG7262S265JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7262S265JD3 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
W3EG7262S-D3
-JD3
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2005
Rev. 3
PRELIMINARY
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20)
MAX
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
3.81
(0.150) MAX
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR D3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG7262S262D3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG7262S265D3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG7262S202D3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3EG7262S265JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7263S-AJD3 WEDC-W3EG7263S-AJD3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-JD3 WEDC-W3EG7263S-JD3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S202AJD3 WEDC-W3EG7263S202AJD3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S202D3 WEDC-W3EG7263S202D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG7262S265JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WV3DG7266V-D1 WEDC-WV3DG7266V-D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
White Electronic Design...
W3EG7265S-JD3 WEDC-W3EG7265S-JD3 Datasheet
195Kb / 12P
   512MB - 2x32Mx72 DDR SDRAM REGISTERED, w/PLL
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com