Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG7264S-JD3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG7264S-JD3
Description  512MB - 64Mx72 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7264S-JD3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG7264S-JD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2005
Rev. 5
W3EG7264S-JD3-D3
PRELIMINARY
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 to 3.6
V
Storage Temperature
TSTG
-55 to +150
°C
Power Dissipation
PD
9W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if ‘ABSOLUTE MAXIMUM RATINGS’ are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C; DDR333, 266, 200: VCC = VCCQ = +2.5V ± 0.2V; DDR400: VCC = VCCQ = +2.6V ± 0.1V
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
1.15
1.35
V
Termination Voltage
VTT
1.15
1.35
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
-0.3
VREF -0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT-0.76
V
CAPACITANCE
TA = 25°C. f = 1MHz; DDR333, 266, 200: VCC = VCCQ = +2.5V ± 0.2V; DDR400: VCC = VCCQ = +2.6V ± 0.1V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
32
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
32
pF
Input Capacitance (CKE0, CKE1)
CIN3
32
pF
Input Capacitance (CK0#,CK0)
CIN4
32
pF
Input Capacitance (CS0#, CS1#)
CIN5
32
pF
Input Capacitance (DQM0-DQM8)
CIN6
8pF
Input Capacitance (BA0-BA1)
CIN7
32
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
8pF
Data input/output capacitance (CB0-CB7)
COUT
8pF


Similar Part No. - W3EG7264S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7264S-BD4 WEDC-W3EG7264S-BD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7264S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com