Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG7263S335D3 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3EG7263S335D3
Description  512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7263S335D3 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3EG7263S335D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG7263S335D3 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7263S-D3
-JD3
-AJD3
April 2004
Rev. # 2
PRELIMINARY
12.
The refresh period is 64ms. This equates to an average refresh
rate of 15.625µs (256Mb component) or 7.8125µs (512 Mb
component). However, an AUTO REFRESH command must be
asserted at least once every 140.6µs (256 Mb component) or
70.3µs (512Mb component); burst refreshing or posting by the
DRAM controller greater than eight refresh cycles is not allowed.
13.
The valid data window is derived by achieving other specifications
- tHP (tCK/2), tDQSQ, and tQH (tQH = tHP - tQHS). The data valid window
derates directly proportional with the clock duty cycle and a
practical data valid window can be derived. The clock is allowed
a maximum duty cycled variation of 45/55. Functionality is
uncertain when operating beyond a 45/55 ratio. The data valid
window derating curves are provided below for duty cycles ranging
between 50/50 and 45/55.
14.
Referenced to each output group: x4 = DQS with DQ0-DQ4.
15.
READs and WRITEs with auto precharge are not allowed to be
issued until tRAS (MIN) can be satisfied prior to the internal precharge
command being issued.
16.
JEDEC specifies CK and CK# input slew rate must be > 1V/ns
(2V/ns differentially).
17.
DQ and DM input slew rates must not deviate from DQS by more
than 10%. If the DQ/DM/DQS slew rate is less than 0.5V/ns,
timing must be derated: 50ps must be added to tDS and tDH for
each 100mV/ns reduction in slew rate. If slew rates exceed 4V/ns,
functionality is uncertain.
18.
tHP min is the lesser of tCL min and tCH min actually applied to the
device CK and CK# inputs, collectively during bank active.
19.
This maximum value is derived from the referenced test load. In
practice, the values obtained in a typical terminated design may
reflect up to 310ps less for tHZ (MAX) and last DVW. tHZ (MAX) will
prevail over the tDQSCK (MAX) + tRPST (MAX) condition. tLZ (MIN) will
prevail over tDQSCK (MIN) + PRE (MAX) condition.
20.
For slew rates greater than 1V/ns the (LZ) transition will start about
310ps earlier.
21.
CKE must be active (High) during the entire time a refresh
command is executed. That is, from the time the AUTO REFRESH
command is registered, CKE must be active at each rising clock
edge, until tREF later.
22.
Whenever the operating frequency is altered, not including jitter,
the DLL is required to be reset. This is followed by 200 clock cycles
(before READ commands).
Notes
1.
All voltages referenced to VSS
2.
Tests for AC timing, IDD, and electrical AC and DC characteristics
may be conducted at normal reference / supply voltage levels, but
the related specifications and device operations are guaranteed for
the full voltage range specified.
3.
Outputs are measured with equivalent load:
4.
AC timing and IDD tests may use a VIL-to-VIH swing of up to 1.5V in
the test environment, but input timing is still referenced to VREF (or
to the crossing point for CK/CK#), and parameter specifications
are guaranteed for the specified AC input levels under normal use
conditions. The minimum slew rate for the input signals used to
test the device is 1V/ns in the range between VIL(AC) and VIH(AC).
5.
The AC and DC input level specifications are defined in the SSTL_
2 standard (i.e., the receiver will effectively switch as a result of the
signal crossing the AC input level, and will remain in that state as
long as the signal does not ring back above [below] the DC input
LOW [high] level).
6.
Command/Address input slew rate = 0.5V/ns. For -75 with slew
rates 1V/ns and faster, tIS and tIH are reduced to 900ps. If the
slew rate is less than 0.5V/ns, timing must be derated: tIS has an
additional 50ps per each 100mV/ns reduction in slew rate from the
500mV/ns. tIH has 0ps added, that is, it remains constant. If the
slew rate exceeds 4.5V/ns, functionality is uncertain.
7.
Inputs are not recognized as valid until VREF stabilizes. Exception:
during the period before VREF stabilizes, CKE £ 0.3 x VCCQ is
recognized as LOW.
8.
tHZ and tLZ transitions occur in the same access time windows as
valid data transitions. These parameters are not referenced to a
specific voltage level, but specify when the device output is no
longer driving (HZ) and begins driving (LZ).
9.
The maximum limit for this parameter is not a device limit. The
device will operate with a greater value for this parameter, but
system performance (bus turnaround) will degrade accordingly.
10.
This is not a device limit. The device will operate with a negative
value, but system performance could be degraded due to bus
turnaround.
11.
It is recommended that DQS be valid (HIGH or LOW) on or before
the WRITE command. The case shown (DQS going from High-Z to
logic LOW) applies when no WRITEs were previously in progress
on the bus. If a previous WRITE was in progress, DQS could be
high during this time, depending on tDQSS.
Output
Output
(V
(VOUT
OUT
)
Reference
Reference
Point
Point
50
50
VTT
TT
30pF
30pF


Similar Part No. - W3EG7263S335D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7262S-D3 WEDC-W3EG7262S-D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S-JD3 WEDC-W3EG7262S-JD3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S202D3 WEDC-W3EG7262S202D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S202JD3 WEDC-W3EG7262S202JD3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S262D3 WEDC-W3EG7262S262D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG7263S335D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG7265S-JD3 WEDC-W3EG7265S-JD3 Datasheet
195Kb / 12P
   512MB - 2x32Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com