Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6466S335AD4 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG6466S335AD4
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6466S335AD4 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG6466S335AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6466S-AD4
-BD4
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C ≤ TA ≤ 70°C, VCCQ = 2.5V ±0.2V, VCC = 2.5V ±0.2V
DDR333@CL=2.5 DDR266@CL=2, 2.5
DDR200@CL=2
Parameter
Symbol Conditions
Max
Max
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge;
tRC=tRC(MIN); tCK=tCK(MIN); DQ,DM and DQS
inputs changing once per clock cycle; Address
and control inputs changing once every two
cycles.
1600
1440
1360
mA
Operating Current
IDD1
One device bank; Active-Read-Precharge;
Burst = 2; tRC=tRC(MIN);tCK=tCK(MIN); Iout =
0mA; Address and control inputs changing
once per clock cycle.
1800
1640
1560
mA
Precharge Power-Down
Standby Current
IDD2P
All device banks idle; Power- down mode;
tCK=tCK(MIN); CKE=(low)
48
48
48
mA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK=tCK(MIN); CKE = high; Address and other
control inputs changing once per clock cycle.
Vin = Vref for DQ, DQS and DM.
400
320
320
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-down mode;
tCK(MIN); CKE=(low)
560
480
480
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge; tRC=tRAS(MAX);
tCK=tCK(MIN); DQ, DM and DQS inputs
changing twice per clock cycle; Address and
other control inputs changing once per clock
cycle.
880
720
720
mA
Operating Current
IDD4R
Burst = 2; Reads; Continous burst; One
device bank active;Address and control inputs
changing once per clock cycle; tCK=tCK(MIN);
Iout = 0mA.
2160
1840
1840
mA
Operating Current
IDD4W
Burst = 2; Writes; Continous burst; One
device bank active; Address and control inputs
changing once per clock cycle; tCK=tCK(MIN);
DQ,DM and DQS inputs changing twice per
clock cycle.
2160
1800
1800
mA
Auto Refresh Current
IDD5
tRC=tRC(MIN)
2240
2000
2000
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
48
48
48
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4) with auto
precharge with tRC=tRC (MIN); tCK=tCK(MIN);
Address and control inputs change only
during Active Read or Write commands.
3120
2960
2720
mA
* For DDR333 consult factory


Similar Part No. - W3EG6466S335AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-JD3 WEDC-W3EG6462S-JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202D3 WEDC-W3EG6462S202D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202JD3 WEDC-W3EG6462S202JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S262D3 WEDC-W3EG6462S262D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6466S335AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com