Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6466S262BD4 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG6466S262BD4
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6466S262BD4 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG6466S262BD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6466S262BD4 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6466S-AD4
-BD4
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC
OPERATING CONDITIONS
AC CHARACTERISTICS
335
262
265/202
UNITS
NOTES
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Access window of DQs from CK/CK#
tAC
-0.70
+0.70
-0.75
+0.75
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
26
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
26
Clock cycle time
CL = 2.5
tCK (2.5)
6
13
7.5
13
7.5
13
ns
39, 44
CL = 2
tCK (2)
7.5
13
7.5
13
7.5/10
13
ns
39, 44
DQ and DM input hold time relative to DQS
tDH
0.45
0.5
0.5
ns
23, 27
DQ and DM input setup time relative to DQS
tDS
0.45
0.5
0.5
ns
23, 27
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
1.75
ns
27
Access window of DQS from CK/CK#
tDQSCK
-0.60
+0.60
-0.75
+0.75
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group, per access
tDQSQ
0.4
0.5
0.5
ns
22, 23
Write command to first DQS latching transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.20
0.20
0.20
tCK
DQS falling edge from CK rising - hold time
tDSH
0.20
0.20
0.20
tCK
Half clock period
tHP
tCH,tCL
tCH,tCL
tCH,tCL
ns
8
Data-out high-impedance window from CK/CK#
tHZ
+0.70
+0.75
+0.75
ns
16, 36
Data-out low-impedance window from CK/CK#
tLZ
-0.70
-0.75
-0.75
ns
16, 36
Address and control input hold time (fast slew rate)
tIHF
0.75
0.90
0.90
ns
12
Address and control input setup time (fast slew rate)
tISF
0.75
0.90
.900
ns
12
Address and control input hold time (slow slew rate)
tIHS
0.8
1
1
ns
12
Address and control input setup time (slow slew rate)
tISS
0.8
1
1
ns
12
Address and Control input pulse width (for each input)
tIPW
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
12
15
15
ns


Similar Part No. - W3EG6466S262BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-JD3 WEDC-W3EG6462S-JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202D3 WEDC-W3EG6462S202D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202JD3 WEDC-W3EG6462S202JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S262D3 WEDC-W3EG6462S262D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6466S262BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com