Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6465S202D3 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG6465S202D3
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6465S202D3 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG6465S202D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6465S202D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
W3EG6465S-D3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
November 2005
Rev. 2
512MB – 64Mx64 DDR SDRAM UNBUFFERED
DESCRIPTION
The W3EDG6465S is a 64Mx64 Double Data Rate
SDRAM memory module based on 128Mb DDR SDRAM
components. The module consists of sixteen 64Mx4 DDR
SDRAMs in 66 pin TSOP packages mounted on a 184 pin
FR4 substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
FEATURES
Double-date-rate architecture
DDR200 and DDR266
• JEDEC design specification
Bi-directional data strobes (DQS)
Differential clock inputs (CK CK#)
Programmable Read Latency 2, 2.5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interactive)
Edge aligned data output, center aligned data input
Auto and self refresh
Serial presence detected
Power supply: 2.5V ± 0.20V
standard 184 pin DIMM package
• Package height option:
D3: 30.48mm (1.20")
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
OPERATING FREQUENCIES
DDR266 @CL=2
DDR266 @CL=2.5
DDR266 @CL=2
DDR200 @CL=2
Clock Speed
133MHz
133MHz
133MHz
100MHz
CL-tRCD-tRP
2-2-2
2.5-3-3
2-3-3
2-2-2


Similar Part No. - W3EG6465S202D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S202D4C WEDC-W3EG6465S202D4C Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6465S202D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com