Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6433S-BD4 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG6433S-BD4
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6433S-BD4 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG6433S-BD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6433S-BD4 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6433S-AD4
-BD4
May 2005
Rev. 1
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC
OPERATING CONDITIONS
AC CHARACTERISTICS
335
262
265/202
UNITS
NOTES
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Access window of DQs from CK/CK#
tAC
-0.70
+0.70
-0.75
+0.75
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
26
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
26
Clock cycle time
CL = 2.5
tCK (2.5)
6
13
7.5
13
7.5
13
ns
40, 45
CL = 2
tCK (2)
7.5
13
7.5
13
7.5/10
13
ns
40, 45
DQ and DM input hold time relative to DQS
tDH
0.45
0.5
0.5
ns
23, 27
DQ and DM input setup time relative to DQS
tDS
0.45
0.5
0.5
ns
23, 27
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
1.75
ns
27
Access window of DQS from CK/CK#
tDQSCK
-0.60
+0.60
-0.75
+0.75
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group, per access
tDQSQ
0.4
0.5
0.5
ns
22, 23
Write command to first DQS latching transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.20
0.20
0.20
tCK
DQS falling edge from CK rising - hold time
tDSH
0.20
0.20
0.20
tCK
Half clock period
tHP
tCH,tCL
tCH,tCL
tCH,tCL
ns
8
Data-out high-impedance window from CK/CK#
tHZ
+0.70
+0.75
+0.75
ns
16, 37
Data-out low-impedance window from CK/CK#
tLZ
-0.70
-0.75
-0.75
ns
16, 37
Address and control input hold time (fast slew rate)
tIHF
0.75
0.90
0.90
ns
12
Address and control input setup time (fast slew rate)
tISF
0.75
0.90
.900
ns
12
Address and control input hold time (slow slew rate)
tIHS
0.8
1
1
ns
12
Address and control input setup time (slow slew rate)
tISS
0.8
1
1
ns
12
Address and Control input pulse width (for each input)
tIPW
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
12
15
15
ns


Similar Part No. - W3EG6433S-BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S-JD3 WEDC-W3EG6433S-JD3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6433S-BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com