Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6433S335JD3 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG6433S335JD3
Description  256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6433S335JD3 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG6433S335JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6433S-D3
-JD3
November 2005
Rev. 2
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
AC Characteristics
335
(DDR333@CL=2.5
)
262
(DDR266@CL=2.0)
263
(DDR266@CL=2.0)
265
(DDR266@CL=2.5)
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
Row cycle time
tRC
60
60
65
65
ns
Refresh row cycle time
tRFC
72
75
75
75
ns
Row active time
tRAS
42
70K
45
120K
45
120K
45
120K
ns
RAS to CAS delay
tRCD
18
15
20
20
ns
Row precharge time
tRP
18
15
20
20
ns
Row active to Row active delay
tRRD
12
15
15
15
ns
Write recovery time
tWR
15
15
15
15
ns
Last data in to Read command
tWTD
1111
tCK
Col. address to Col. address delay
tCCD
1111
tCK
Clock cycle time
CL=2.0
tCK
7.5
12
7.5
12
7.5
12
10
12
ns
CL=2.5
6
12
7.5
12
7.5
12
7.5
12
ns
Clock high level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DQS-out access time from CK/CK
tDQSCK
-0.6
+0.6
-0.75
+0.75
-0.75
+0.75
-0.75
+0.75
ns
Output data access time from CK/CK
tAC
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
-0.75
+0.75
ns
Data strobe edge to output data edge
tDQSQ
-
0.45
-
0.5
-
0.5
-
0.5
ns
12
Read Preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read Postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0000
ns
3
DQS-in hold time
tWPRE
0.25
0.25
0.25
0.25
tCK
DQS falling edge to CK rising-setup time
tDSS
0.2
0.2
0.2
0.2
tCK
DQS falling edge from Ck rising-hold time
tDSH
0.2
0.2
0.2
0.2
tCK
DQS-in high level width
tDQSH
0.35
0.35
0.35
0.35
tCK
DQS-in low level width
tDQSL
0.35
0.35
0.35
0.35
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time (fast)
tIS
0.75
0.9
0.9
0.9
ns
i,5.7~9
Address and Control Input hold time (fast)
tIH
0.75
0.9
0.9
0.9
ns
i,5.7~9
Address and Control Input setup time (slow)
tIS
0.8
1.0
1.0
1.0
ns
i,6~9
Address and Control Input setup time (slow)
tIH
0.8
1.0
1.0
1.0
ns
i,6~9
Data-out high impedence time from CK/CK
tHZ
+0.7
+0.75
+0.75
+0.75
ns
1
Data-out high impedence time from CK/CK
tLZ
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
-0.75
+0.75
ns
1
Input Slew Rate (for input only pins)
tSL(I)
0.5
0.5
0.5
0.5
V/ns
Input Slew Rate (for I/O pins)
tSL(IO)
0.5
0.5
0.5
0.5
V/ns


Similar Part No. - W3EG6433S335JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6433S335AD4 WEDC-W3EG6433S335AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S335BD4 WEDC-W3EG6433S335BD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - W3EG6433S335JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
W3DG6434V-D2 WEDC-W3DG6434V-D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com