Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6433S335JD3 Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3EG6433S335JD3
Description  256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6433S335JD3 Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3EG6433S335JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6433S335JD3 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6433S-D3
-JD3
November 2005
Rev. 2
PRELIMINARY
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20)
MAX
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
2.54
(0.100)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR JD3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR JD3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG6433S335JD3
166MHz/333Mb/s
2.5
3
3
30.48 (1.20")
W3EG6433S263JD3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG6433S263JD3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG6433S265JD3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3EG6433S335JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6433S335AD4 WEDC-W3EG6433S335AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S335BD4 WEDC-W3EG6433S335BD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - W3EG6433S335JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
W3DG6434V-D2 WEDC-W3DG6434V-D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com