Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6432S262JD3 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3EG6432S262JD3
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6432S262JD3 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3EG6432S262JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG6432S262JD3 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
White Electronic Designs
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
May 2005
Rev. 6
PRELIMINARY
W3EG6432S-D3
-JD3
Notes
1.
All voltages referenced to VSS.
2.
Tests for AC timing, IDD, and electrical AC and DC characteristics may
be conducted at nominal reference/supply voltage levels, but the related
specifications and device operation are guaranteed for the full voltage range
specified.
3.
Outputs measured with equivalent load:
Output
Output
(V
(VOUT
OUT
)
Reference
Reference
Point
Point
50Ω
50Ω
VTT
TT
30pF
30pF
4.
AC timing and IDD tests may use a VIL-to-VIH swing of up to 1.5V in the test
environment, but input timing is still referenced to VREF (or to the crossing point
for CK/CK#), and parameter specifications are guaranteed for the specified AC
input levels under normal use conditions. The mini-mum slew rate for the input
signals used to test the device is 1V/ns in the range between VIL (AC) and VIH
(AC).
5.
The AC and DC input level specifications are as defined in the SSTL_2 Standard
(i.e., the receiver will effectively switch as a result of the signal crossing the AC
input level, and will remain in that state as long as the signal does not ring back
above [below] the DC input LOW [HIGH] level).
6.
VREF is expected to equal VCCQ/2 of the transmitting device and to track variations
in the DC level of the same. Peak-to-peak noise (non-common mode) on VREF
may not exceed ±2 percent of the DC value. Thus, from VCCQ/2, VREF is allowed
±25mV for DC error and an additional ±25mV for AC noise. This measurement is
to be taken at the nearest VREF bypass capacitor.
7.
VTT is not applied directly to the device. VTT is a system supply for signal
termination resistors, is expected to be set equal to VREF and must track
variations in the DC level of VREF.
8.
IDD is dependent on output loading and cycle rates. Specified values are obtained
with mini-mum cycle time at CL = 2 for 262, and 262, CL = 2.5 for 335 and 265,
CL = for 403 with the outputs open.
9.
Enables on-chip refresh and address counters.
10.
IDD specifications are tested after the device is properly initialized, and is
averaged at the defined cycle rate.
11.
This parameter is sampled. VCC = +2.5V ±0.2V, VCCQ = +2.5V ±0.2V, VREF = VSS,
f = 100 MHz, TA = 25°C, VOUT (DC) = VCCQ/2, VOUT (peak to peak) = 0.2V. DM
input is grouped with I/O pins, reflecting the fact that they are matched in loading.
12.
For slew rates less than 1 V/ns and greater than or equal to 0.5 V/ns. If slew rate
is less than 0.5 V/ns, timing must be derated: tIS has an additional 50ps per each
100mV/ns reduction in slew rate from 500mV/ns, while tIH is unaffected. If slew
rate exceeds 4.5V/ns, functionality is uncertain.
13.
The CK/CK# input reference level (for timing referenced to CK/CK#) is the point
at which CK and CK# cross; the input reference level for signals other than
CK/CK# is VREF.
14.
Inputs are not recognized as valid until VREF stabilizes. Exception: during the
period before VREF stabilizes, CKE < 0.3 x VCCQ is recognized as LOW.
15.
The output timing reference level, as measured at the timing reference point
indicated in Note 3, is VTT.
16.
tHZ and tLZ transitions occur in the same access time windows as valid data
transitions. These parameters are not referenced to a specific voltage level, but
specify when the device output is no longer driving (HZ) or begins driving (LZ).
17.
The intent of the Don’t Care state after completion of the postamble is the DQS-
driven signal should either be high, low, or high-Z and that any signal transition
within the input switching region must follow valid input requirements. That is, if
DQS transitions high [above VIHDC (MIN)] then it must not transition low (below
VIHDC) prior to tDQSH (MIN).
18.
This is not a device limit. The device will operate with a negative value, but
system performance could be degraded due to bus turnaround.
19.
It is recommended that DQS be valid (HIGH or LOW) on or before the WRITE
command. The case shown (DQS going from High-Z to logic LOW) applies when
no WRITEs were previously in progress on the bus. If a previous WRITE was in
progress, DQS could be HIGH during this time, depending on tDQSS.
20.
MIN (tRC or tRFC) for IDD measurements is the smallest multiple of tCK that meets
the minimum absolute value for the respective parameter. tRAS (MAX) for IDD
measurements is the largest multiple of tCK that meets the maximum absolute
value for tRAS.
21.
The refresh period is 64ms. This equates to an average refresh rate of 7.8125µs.
However, an AUTO REFRESH command must be asserted at least once every
70.3µs; burst refreshing or posting by the DRAM controller greater than eight
refresh cycles is not allowed.
22.
The valid data window is derived by achieving other specifications: tHP (tCK/2),
tDQSQ, and tQH (tQH = tHP - tQHS). The data valid window derates directly
porportional with the clock duty cycle and a practical data valid window can be
derived. The clock is allowed a maximum duty cycle variation of 45/55, beyond
which functionality is uncertain.
23.
Each byte lane has a corresponding DQS: x8 = DQS with DQ0-DQ7.
24.
This limit is actually a nominal value and does not result in a fail value. CKE is
HIGH during REFRESH command period (tRFC [MIN]) else CKE is LOW (i.e.,
during standby).
25.
To maintain a valid level, the transitioning edge of the input must:
a. Sustain a constant slew rate from the current AC level through to the target
AC level, VIL (AC) or VIH (AC).
b. Reach at least the target AC level.
c. After the AC target level is reached, continue to maintain at least the target DC
level, VIL (DC) or VIH (DC).
26.
JEDEC specifies CK and CK# input slew rate must be ≥ 1V/ns (2V/ns if
measured differentially).
27.
DQ and DM input slew rates must not deviate from DQS by more than 10
percent. If the DQ/ DM/DQS slew rate is less than 0.5V/ns, timing must be
derated: 50ps must be added to tDS and tDH for each 100mv/ns reduction in slew
rate. If slew rate exceeds 4V/ns, functionality is uncertain.
28.
VCC must not vary more than 4 percent if CKE is not active while any bank is
active.
29.
The clock is allowed up to ±150ps of jitter. Each timing parameter is allowed to
vary by the same amount.
30.
tHP min is the lesser of tCL minimum and tCH minimum actually applied to the
device CK and CK# inputs, collectively during bank active.
31.
READs and WRITEs with auto precharge are not allowed to be issued until tRAS
(MIN) can be satisfied prior to the internal precharge command being issued.
32.
Any positive glitch in the nominal voltage must be less than 1/3 of the clock and
not more than +400mV or 2.9V, whichever is less. Any negative glitch must be
less than 1/3 of the clock cycle and not exceed either 300mV or 2.2V, whichever
is more positive. However, the DC average cannot be below 2.3V minimum.


Similar Part No. - W3EG6432S262JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S262JD3 WEDC-W3EG6432S262JD3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6432S262JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com