Electronic Components Datasheet Search |
|
W3EG6464S-AD4 Datasheet(PDF) 5 Page - White Electronic Designs Corporation |
|
W3EG6464S-AD4 Datasheet(HTML) 5 Page - White Electronic Designs Corporation |
5 / 9 page W3EG6464S-AD4 -BD4 5 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs March 2004 Rev. 1 PRELIMINARY IDD SPECIFICATIONS AND TEST CONDITIONS Recommended operating conditions, 0°C ≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V Parameter Symbol Conditions DDR333 @CL=2.5 Max DDR266 @CL=2 Max DDR266 @CL=2.5 Max DDR200 @CL=2 Max Units Operating Current IDD0 One device bank; Active - Precharge; tRC=tRC(MIN); tCK=tCK(MIN); DQ,DM and DQS inputs changing once per clock cycle; Address and control inputs changing once every two cycles. TBD 1595 1595 1595 mA Operating Current IDD1 One device bank; Active-Read-Precharge; Burst = 2; tRC=tRC(MIN);tCK=tCK(MIN); Iout = 0mA; Address and control inputs changing once per clock cycle. TBD 1795 1795 1795 mA Precharge Power-Down Standby Current IDD2P All device banks idle; Power- down mode; tCK=tCK(MIN); CKE=(low) TBD 484848 mA Idle Standby Current IDD2F CS# = High; All device banks idle; tCK=tCK(MIN); CKE = high; Address and other control inputs changing once per clock cycle. Vin = Vref for DQ, DQS and DM. TBD 675 675 675 mA Active Power-Down Standby Current IDD3P One device bank active; Power-down mode; tCK(MIN); CKE=(low) TBD 400 400 400 mA Active Standby Current IDD3N CS# = High; CKE = High; One device bank; Active-Precharge; tRC=tRAS(MAX); tCK=tCK(MIN); DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing once per clock cycle. TBD 1035 1035 1035 mA Operating Current IDD4R Burst = 2; Reads; Continous burst; One device bank active;Address and control inputs changing once per clock cycle; tCK=tCK(MIN); Iout = 0mA. TBD 2035 2035 2035 mA Operating Current IDD4W Burst = 2; Writes; Continous burst; One device bank active; Address and control inputs changing once per clock cycle; tCK=tCK(MIN); DQ,DM and DQS inputs changing twice per clock cycle. TBD 2275 2275 2275 mA Auto Refresh Current IDD5 tRC=tRC(MIN) TBD 2755 2755 2755 mA Self Refresh Current IDD6 CKE ≤ 0.2V TBD 315 315 315 mA Operating Current IDD7A Four bank interleaving Reads (BL=4) with auto precharge with tRC=tRC (MIN); tCK=tCK(MIN); Address and control inputs change only during Active Read or Write commands. TBD 4115 4115 4115 mA * For DDR333 consult factory |
Similar Part No. - W3EG6464S-AD4 |
|
Similar Description - W3EG6464S-AD4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |