Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG6462S-D3 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG6462S-D3
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6462S-D3 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG6462S-D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6462S-D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
White Electronic Designs
W3EG6462S-D3
-JD3
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
May 2005
Rev. 4
ADVANCED
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Includes DDR SDRAM component only
Parameter
Symbol
Conditions
DDR400@
CL=3
Max
DDR333@
CL=2.5-3-3
Max
DDR266@
CL=2
Max
DDR266@
CL=2.5
Max
DDR200@
CL=2
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge;
tRC=tRC (MIN); tCK=tCK (MIN); DQ,DM
and DQS inputs changing once per
clock cycle; Address and control inputs
changing once every two cycles.
2200
1960
1800
1800
1800
mA
Operating Current
IDD1
One device bank; Active-Read-
Precharge Burst = 2; tRC=tRC (MIN);
tCK=tCK (MIN); lOUT = 0mA; Address
and control inputs changing once per
clock cycle.
2480
2320
2080
2080
2080
mA
Precharge Power-
Down Standby
Current
IDD2P
All device banks idle; Power-down
mode; tCK=tCK (MIN); CKE=(low)
64
64
64
64
64
rnA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK=tCK (MIN); CKE = high; Address
and other control inputs changing once
per clock cycle. VIN = VREF for DQ,
DQS and DM.
960
800
720
720
720
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down
mode; tCK (MIN); CKE=(low)
640
480
400
400
400
mA
Active Standby
Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge; tRC=tRAS
(MAX); tCK=tCK (MIN); DQ, DM and
DQS inputs changing twice per clock
cycle; Address and other control inputs
changing once per clock cycle.
1120
960
800
800
800
mA
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst;
One device bank active; Address and
control inputs changing once per clock
cycle; TCK= TCK (MIN); lOUT = 0mA.
2720
2360
2000
2000
2000
mA
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst;
One device bank active; Address and
control inputs changing once per clock
cycle; tCK=tCK (MIN); DQ,DM and DQS
inputs changing once per clock cycle.
2680
2360
2000
2000
2000
rnA
Auto Refresh Current
IDD5
tRC = tRC (MIN)
3200
3000
2680
2680
2680
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
64
64
64
64
64
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4)
with auto precharge with tRC=tRC (MIN);
tCK=tCK (MIN); Address and control
inputs change only during Active Read
or Write commands.
4880
4240
3600
3600
3600
mA


Similar Part No. - W3EG6462S-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S-BD4 WEDC-W3EG6464S-BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S-D3 WEDC-W3EG6464S-D3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S202AD4 WEDC-W3EG6464S202AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG6462S-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com