Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG2256M72ASSR265AJD3XG Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3EG2256M72ASSR265AJD3XG
Description  4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2256M72ASSR265AJD3XG Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3EG2256M72ASSR265AJD3XG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG2256M72ASSR265AJD3XG Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
W3EG2256M72ASSR-JD3
-AJD3
6
White Electronic Designs
November, 04
Rev. 3
PRELIMINARY
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ +70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V.
Includes PLL and register power
Parameter
Symbol
Rank 1
Conditions
DDR266:@CL=2, 2.5
Max
DDR200@CL=2
Max
Units
Rank 2
Standby
State
Operating Current
IDD0
One device bank; Active - Precharge; tRC = tRC
(MIN); tCK = tCK (MIN); DQ,DM and DQS inputs
changing once per clock cycle; Address and
control inputs changing once every two cycles.
5265
4815
mA
IDD3N
Operating Current
IDD1
One device bank; Active-Read-Precharge Burst
= 2; tRC = tRC (MIN); tCK = tCK (MIN); lOUT = 0mA;
Address and control inputs changing once per
clock cycle.
5895
5445
mA
IDD3N
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power-down mode; tCK =
tCK (MIN); CKE = (low)
360
360
rnA
IDD2P
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK = tCK (MIN); CKE = High; Address and other
control inputs changing once per clock cycle. VIN
= VREF for DQ, DQS and DM.
2650
2470
mA
IDD2F
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down mode; tCK
(MIN); CKE = (low)
1260
1080
mA
IDD3P
Active Standby Current
IDD3N
CS# = High; CKE = High; One device bank;
Active-Precharge;tRC = tRAS (MAX); tCK = tCK
(MIN); DQ, DM and DQS inputs changing twice
per clock cycle; Address and other control inputs
changing once per clock cycle.
2110
1930
mA
IDD3N
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst; One device
bank active; Address and control inputs changing
once per clock cycle; tCK = tCK (MIN); lOUT = 0mA.
6345
5805
mA
IDD3N
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst; One device
bank active; Address and control inputs changing
once per clock cycle; tCK = tCK (MIN); DQ,DM and
DQS inputs changing once per clock cycle.
6525
5985
rnA
IDD3N
Auto Refresh Current
IDD5
tRC = tRC (MIN)
8540
8180
mA
IDD3N
Self Refresh Current
IDD6
CKE
≤ 0.2V
599
599
mA
IDD6
Operating Current
IDD7A
Four bank interleaving Reads (BL=4) with auto
precharge with tRC=tRC (MIN); tCK=tCK(MIN);
Address and control inputs change only during
Active Read or Write commands.
11835
10935
mA
IDD3N


Similar Part No. - W3EG2256M72ASSR265AJD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG2256M72ASSR265AJD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG2256M72AER-D6 WEDC-WV3HG2256M72AER-D6 Datasheet
239Kb / 12P
   4GB - 2x256Mx72 DDR2 SDRAM RDIMM, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com