Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG2256M72ASSR262AJD3XG Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG2256M72ASSR262AJD3XG
Description  4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2256M72ASSR262AJD3XG Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG2256M72ASSR262AJD3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 11Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 12Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 13Page - White Electronic Designs Corporation W3EG2256M72ASSR262AJD3XG Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
W3EG2256M72ASSR-JD3
-AJD3
11
White Electronic Designs
November, 04
Rev. 3
PRELIMINARY
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
ORDERING INFORMATION FOR JD3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG2256M72ASSR262JD3xG
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG2256M72ASSR263JD3xG
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG2256M72ASSR265JD3xG
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG2256M72ASSR202JD3xG
100MHz/200Mb/s
2
2
2
30.48 (1.20")
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.0
(0.394)
6.36
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
3.99
(0.157)
(MIN)
1.27
± 0.10
(0.050)
(± 0.004)
30.48
(1.20 MAX)
6.35
(0.250 MAX)
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
PACKAGE DIMENSIONS FOR JD3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - W3EG2256M72ASSR262AJD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG2256M72ASSR262AJD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG2256M72AER-D6 WEDC-WV3HG2256M72AER-D6 Datasheet
239Kb / 12P
   4GB - 2x256Mx72 DDR2 SDRAM RDIMM, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com