Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG2128M64ETSR265JD3XG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG2128M64ETSR265JD3XG
Description  2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2128M64ETSR265JD3XG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG2128M64ETSR265JD3XG Datasheet HTML 1Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2128M64ETSR265JD3XG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
April 2005
Rev. 0
W3EG2128M64ETSR-JD3
ADVANCED
IDD SPECIFICATIONS AND TEST CONDITIONS
Recommended operating conditions, 0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Includes DDR SDRAM component only
Parameter
Symbol
Conditions
DDR333@
CL=2.5
Max
DDR266@
CL=2
Max
DDR266@
CL=2.5
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge; tRC=tRC
(MIN); tCK=tCK (MIN); DQ,DM and DQS inputs
changing once per clock cycle; Address and control
inputs changing once every two cycles.
2080
2080
1880
mA
Operating Current
IDD1
One device bank; Active-Read-Precharge Burst
= 2; tRC=tRC (MIN); tCK=tCK (MIN); lOUT = 0mA;
Address and control inputs changing once per
clock cycle.
2360
2360
2160
mA
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power-down mode; tCK=tCK
(MIN); CKE=(low)
160
160
160
rnA
Idle Standby Current
IDD2F
CS# = High; All device banks idle; tCK=tCK (MIN);
CKE = high; Address and other control inputs
changing once per clock cycle. VIN = VREF for DQ,
DQS and DM.
1040
1040
960
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down mode; tCK
(MIN); CKE=(low)
560
560
480
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device bank; Active-
Precharge; tRC=tRAS (MAX); tCK=tCK (MIN); DQ, DM
and DQS inputs changing twice per clock cycle;
Address and other control inputs changing once
per clock cycle.
800
800
720
mA
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst; One device
bank active; Address and control inputs changing
once per clock cycle; TCK= TCK (MIN); lOUT = 0mA.
2560
2560
2320
mA
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst; One device
bank active; Address and control inputs changing
once per clock cycle; tCK=tCK (MIN); DQ,DM and
DQS inputs changing once per clock cycle.
2640
2640
2400
rnA
Auto Refresh Current
IDD5
tRC = tRC (MIN)
3520
3520
3360
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
144
144
144
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4) with auto
precharge with tRC=tRC (MIN); tCK=tCK (MIN);
Address and control inputs change only during
Active Read or Write commands.
5000
5000
4600
mA


Similar Part No. - W3EG2128M64ETSR265JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M72AFSR-AD3 WEDC-W3EG2128M72AFSR-AD3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR262AD3XG WEDC-W3EG2128M72AFSR262AD3XG Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR263AD3XG WEDC-W3EG2128M72AFSR263AD3XG Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR265AD3XG WEDC-W3EG2128M72AFSR265AD3XG Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
More results

Similar Description - W3EG2128M64ETSR265JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Elpida Memory
EBD21RD4ABNA ELPIDA-EBD21RD4ABNA Datasheet
177Kb / 19P
   2GB Registered DDR SDRAM DIMM
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com