Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG264M72EFSU265D4 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # W3EG264M72EFSU265D4
Description  1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG264M72EFSU265D4 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  W3EG264M72EFSU265D4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG264M72EFSU265D4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
W3EG264M72EFSUxxxD4
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
September 2004
Rev. 0
ADVANCED
PIN NAMES
Symbol
Description
WE#, CAS#, RAS# Command Input
CK0, CK0#
CK1, CK1#
CK2, CK2#
Clock Input
CKE0-CKE1
Clock Enable Input
S0#-S1#
Chip Select Input
BA0, BA1
Bank Address
A0-A12
Address input
SCL
Serial Clock
SA0-SA2
Presence Detect Address Input
SDA
Input/Output: Serial Presence-
Detect Data
DM0-DM8
Data Write Mask
DQS0-DQS8
Data Strobe
CB0-CB7
Input/Output: Check Bits
DQ0-DQ63
Input/Output: Data I/Os, Data bus
VREF
Supply: SSTL_2 reference voltage
VCC
Supply: Power Supply: +2.5V
±0.2V
VSS
Supply: Ground
VCCSPD
Supply: Serial EEPROM Positive
Power Supply
NC
No Connect
DNU
Do Not Use
PIN CONFIGURATION
PIN#
SYMBOL
PIN#
SYMBOL
PIN#
SYMBOL
PIN#
SYMBOL
1VREF
51
VSS
101
A9
151
DQ42
2VREF
52
VSS
102
A8
152
DQ46
3VSS
53
DQ19
103
VSS
153
DQ43
4VSS
54
DQ23
104
VSS
154
DQ47
5
DQ0
55
DQ24
105
A7
155
VCC
6
DQ4
56
DQ28
106
A6
156
VCC
7DQ1
57
VCC
107
A5
157
VCC
8DQ5
58
VCC
108
A4
158
CK1#
9VCC
59
DQ25
109
A3
159
VSS
10
VCC
60
DQ29
110
A2
160
CK1
11
DQS0
61
DQS3
111
A1
161
VSS
12
DM0
62
DM3
112
A0
162
VSS
13
DQ2
63
VSS
113
VCC
163
DQ48
14
DQ6
64
VSS
114
VCC
164
DQ52
15
VSS
65
DQ26
115
A10
165
DQ49
16
VSS
66
DQ30
116
BA1
166
DQ53
17
DQ3
67
DQ27
117
BA0
167
VCC
18
DQ7
68
DQ31
118
RAS#
168
VCC
19
DQ8
69
VCC
119
WE#
169
DQS6
20
DQ12
70
VCC
120
CAS#
170
DM6
21
VCC
71
CB0
121
S0#
171
DQ50
22
VCC
72
CB4
122
S1#
172
DQ54
23
DQ9
73
CB1
123
NC
173
VSS
24
DQ13
74
CB5
124
NC
174
VSS
25
DQS1
75
VSS
125
VSS
175
DQ51
26
DM1
76
VSS
126
VSS
176
DQ55
27
VSS
77
DQS8
127
DQ32
177
DQ56
28
VSS
78
DM8
128
DQ36
178
DQ60
29
DQ10
79
CB2
129
DQ33
179
VCC
30
DQ14
80
CB6
130
DQ37
180
VCC
31
DQ11
81
VCC
131
VCC
181
DQ57
32
DQ15
82
VCC
132
VCC
182
DQ61
33
VCC
83
CB3
133
DQS4
183
DQS7
34
VCC
84
CB7
134
DM4
184
DM7
35
CK0
85
NC
135
DQ34
185
VSS
36
VCC
86
DNU
136
DQ38
186
VSS
37
CK0#
87
VSS
137
VSS
187
DQ58
38
VSS
88
VSS
138
VSS
188
DQ62
39
VSS
89
CK2
139
DQ35
189
DQ59
40
VSS
90
VSS
140
DQ39
190
DQ63
41
DQ16
91
CK2#
141
DQ40
191
VCC
42
DQ20
92
VCC
142
DQ44
192
VCC
43
DQ17
93
VCC
143
VCC
193
SDA
44
DQ21
94
VCC
144
VCC
194
SA0
45
VCC
95
CKE1
145
DQ41
195
SCL
46
VCC
96
CKE0
146
DQ45
196
SA1
47
DQS2
97
NC
147
DQS5
197
VCCSPD
48
DM2
98
NC
148
DM5
198
SA2
49
DQ18
99
A12
149
VSS
199
NC
50
DQ22
100
A11
150
VSS
200
VSS


Similar Part No. - W3EG264M72EFSU265D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72AFSR202D3XG WEDC-W3EG264M72AFSR202D3XG Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG264M72AFSR262D3XG WEDC-W3EG264M72AFSR262D3XG Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG264M72AFSR263D3XG WEDC-W3EG264M72AFSR263D3XG Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG264M72AFSR265D3XG WEDC-W3EG264M72AFSR265D3XG Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG264M72AFSR335D3XG WEDC-W3EG264M72AFSR335D3XG Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
More results

Similar Description - W3EG264M72EFSU265D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com