Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E32M72S-200BC Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3E32M72S-200BC
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-200BC Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3E32M72S-200BC Datasheet HTML 2Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 3Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M72S-200BC Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
W3E32M72S-XBX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
device loses power. The enabling of the DLL should always
be followed by a LOAD MODE REGISTER command to the
mode register (BA0/BA1 both LOW) to reset the DLL.
The extended mode register must be loaded when all
banks are idle and no bursts are in progress, and the
controller must wait the specified time before initiating
any subsequent operation. Violating either of these
requirements could result in unspecified operation.
OUTPUT DRIVE STRENGTH
The normal full drive strength for all outputs are specified to
be SSTL2, Class II. The DDR SDRAM supports an option
for reduced drive. This option is intended for the support
of the lighter load and/or point-to-point environments. The
selection of the reduced drive strength will alter the DQs
and DQSs from SSTL2, Class II drive strength to a reduced
drive strength, which is approximately 54 percent of the
SSTL2, Class II drive strength.
DLL ENABLE/DISABLE
When the part is running without the DLL enabled, device
functionality may be altered. The DLL must be enabled for
normal operation. DLL enable is required during power-
up initialization and upon returning to normal operation
after having disabled the DLL for the purpose of debug or
evaluation. (When the device exits self refresh mode, the
DLL is enabled automatically.) Any time the DLL is enabled,
200 clock cycles with CKE high must occur before a READ
command can be issued.
ALLOWABLE OPERATING
FREQUENCY (MHz)
SPEED
CAS
LATENCY = 2
CAS
LATENCY = 2.5
-200
≤ 75
≤ 100
-250
≤ 100
≤ 125
-266
≤ 100
≤ 133
-333
-
≤ 166
TABLE 2 - CAS LATENCY
COMMANDS
The Truth Table provides a quick reference of available
commands. This is followed by a written description of
each command.
DESELECT
The DESELECT function (CS# High) prevents new
commands from being executed by the DDR SDRAM.
The SDRAM is effectively deselected. Operations already
in progress are not affected.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to perform
a NOP to the selected DDR SDRAM (CS# is LOW while
RAS#, CAS#, and WE# are high). This prevents unwanted
commands from being registered during idle or wait states.
Operations already in progress are not affected.
LOAD MODE REGISTER
The Mode Registers are loaded via inputs A0-12. The
LOAD MODE REGISTER command can only be issued
when all banks are idle, and a subsequent executable
command cannot be issued until tMRD is met.
ACTIVE
The ACTIVE command is used to open (or activate) a
row in a particular bank for a subsequent access. The
value on the BA0, BA1 inputs selects the bank, and the
address provided on inputs A0-12 selects the row. This row
remains active (or open) for accesses until a PRECHARGE
command is issued to that bank. A PRECHARGE
command must be issued before opening a different row
in the same bank.
READ
The READ command is used to initiate a burst read
access to an active row. The value on the BA0, BA1 inputs
selects the bank, and the address provided on inputs A0-9
selects the starting column location. The value on input
A10 determines whether or not AUTO PRECHARGE is
used. If AUTO PRECHARGE is selected, the row being
accessed will be precharged at the end of the READ burst;
if AUTO PRECHARGE is not selected, the row will remain
open for subsequent accesses.


Similar Part No. - W3E32M72S-200BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-200SBC WEDC-W3E32M72S-200SBC Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-200SBI WEDC-W3E32M72S-200SBI Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-200SBM WEDC-W3E32M72S-200SBM Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-200BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com