Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E32M72S-333BI Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3E32M72S-333BI
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-333BI Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3E32M72S-333BI Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 12Page - White Electronic Designs Corporation W3E32M72S-333BI Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
W3E32M72S-XBX
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
TRUTH TABLE – COMMANDS (NOTE 1)
NOTES:
1.
CKE is HIGH for all commands shown except SELF REFRESH.
2.
A0-12 define the op-code to be written to the selected Mode Register. BA0, BA1
select either the mode register (0, 0) or the extended mode register (1, 0).
3.
A0-12 provide row address, and BA0, BA1 provide bank address.
4.
A0-9 provide column address; A10 HIGH enables the auto precharge feature (non
persistent), while A10 LOW disables the auto precharge feature; BA0, BA1 provide
bank address.
5.
A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks
precharged and BA0, BA1 are “Don’t Care.”
NAME (FUNCTION)
CS#
RAS#
CAS#
WE#
ADDR
DESELECT (NOP) (9)
H
X
X
X
X
NO OPERATION (NOP) (9)
L
H
H
H
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
Bank/Row
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
Bank/Col
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
Bank/Col
BURST TERMINATE (8)
L
H
H
L
X
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
Code
AUTO REFRESH or SELF REFRESH (Enter self refresh mode) (6, 7)
L
L
L
H
X
LOAD MODE REGISTER (2)
L
L
L
L
Op-Code
TRUTH TABLE – DM OPERATION
NAME (FUNCTION)
DM
DQs
WRITE ENABLE (10)
L
Valid
WRITE INHIBIT (10)
H
X
6.
This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is
LOW.
7.
Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t
Care” except for CKE.
8.
Applies only to read bursts with auto precharge disabled; this command is
undefined (and should not be used) for READ bursts with auto precharge enabled
and for WRITE bursts.
9.
DESELECT and NOP are functionally interchangeable.
10. Used to mask write data; provided coincident with the corresponding data.
during an AUTO REFRESH command. Each DDR SDRAM
requires AUTO REFRESH cycles at an average interval
of 7.8125µs (maximum).
To allow for improved efficiency in scheduling and
switching between tasks, some flexibility in the absolute
refresh interval is provided. A maximum of eight AUTO
REFRESH commands can be posted to any given DDR
SDRAM, meaning that the maximum absolute interval
between any AUTO REFRESH command and the next
AUTO REFRESH command is 9 x 7.8125µs (70.3µs). This
maximum absolute interval is to allow future support for
DLL updates internal to the DDR SDRAM to be restricted
to AUTO REFRESH cycles, without allowing excessive
drift in tAC between updates.
Although not a JEDEC requirement, to provide for future
functionality features, CKE must be active (High) during
the AUTO REFRESH period. The AUTO REFRESH period
begins when the AUTO REFRESH command is registered
and ends tRFC later.
SELF REFRESH*
The SELF REFRESH command can be used to retain
data in the DDR SDRAM, even if the rest of the system is
powered down. When in the self refresh mode, the DDR
SDRAM retains data without external clocking. The SELF
REFRESH command is initiated like an AUTO REFRESH
command except CKE is disabled (LOW). The DLL is
automatically disabled upon entering SELF REFRESH and
is automatically enabled upon exiting SELF REFRESH (A
DLL reset and 200 clock cycles must then occur before a
READ command can be issued). Input signals except CKE
are “Don’t Care” during SELF REFRESH. VREF voltage is
also required for the full duration of SELF REFRESH.
The procedure for exiting self refresh requires a sequence
of commands. First, CK and CK# must be stable prior
to CKE going back HIGH. Once CKE is HIGH, the DDR
SDRAM must have NOP commands issued for tXSNR,
because time is required for the completion of any internal
refresh in progress.


Similar Part No. - W3E32M72S-333BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-333SBC WEDC-W3E32M72S-333SBC Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-333SBI WEDC-W3E32M72S-333SBI Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-333SBM WEDC-W3E32M72S-333SBM Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-333BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com