Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E64M72S-XBX Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3E64M72S-XBX
Description  64Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E64M72S-XBX Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3E64M72S-XBX Datasheet HTML 6Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 7Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 8Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 9Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 10Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 11Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 12Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 13Page - White Electronic Designs Corporation W3E64M72S-XBX Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
W3E64M72S-XBX
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2005
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
NOTES:
1.
CKE is HIGH for all commands shown except SELF REFRESH.
2.
A0-12 define the op-code to be written to the selected Mode Register. BA0, BA1
select either the mode register (0, 0) or the extended mode register (1, 0).
3.
A0-12 provide row address, and BA0, BA1 provide bank address.
4.
A0-9, 11 provide column address; A10 HIGH enables the auto precharge feature
(non persistent), while A10 LOW disables the auto precharge feature; BA0, BA1
provide bank address.
5.
A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks
precharged and BA0, BA1 are “Don’t Care.”
TRUTH TABLE – COMMANDS (NOTE 1)
NAME (FUNCTION)
CS#
RAS#
CAS#
WE#
ADDR
DESELECT (NOP) (9)
H
X
X
X
X
NO OPERATION (NOP) (9)
L
H
H
H
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
Bank/Row
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
Bank/Col
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
Bank/Col
BURST TERMINATE (8)
L
H
H
L
X
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
Code
AUTO REFRESH or SELF REFRESH (Enter self refresh mode) (6, 7)
L
L
L
H
X
LOAD MODE REGISTER (2)
L
L
L
L
Op-Code
TRUTH TABLE – DM OPERATION
NAME (FUNCTION)
DM
DQs
WRITE ENABLE (10)
L
Valid
WRITE INHIBIT (10)
H
X
6.
This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is
LOW.
7.
Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t
Care” except for CKE.
8.
Applies only to read bursts with auto precharge disabled; this command is
undefined (and should not be used) for READ bursts with auto precharge enabled
and for WRITE bursts.
9.
DESELECT and NOP are functionally interchangeable.
10. Used to mask write data; provided coincident with the corresponding data.


Similar Part No. - W3E64M72S-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M64S-200BC WEDC-W3E16M64S-200BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BI WEDC-W3E16M64S-200BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BM WEDC-W3E16M64S-200BM Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BC WEDC-W3E16M64S-250BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BI WEDC-W3E16M64S-250BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results

Similar Description - W3E64M72S-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com