Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G04GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT1G04GW
Description  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G04GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT1G04GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 9Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 10Page - NXP Semiconductors 74HCT1G04GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2002 May 17
7
Philips Semiconductors
Product specification
Inverter
74HC1G04; 74HCT1G04
AC CHARACTERISTICS
Type 74HC1G04
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
Type 74HCT1G04
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation
delay A to Y
see Figs 5 and 6
2.0
25
105
135
ns
4.5
921
27
ns
6.0
818
23
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation
delay A to Y
see Figs 5 and 6
4.5
10
24
27
ns


Similar Part No. - 74HCT1G04GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G04GW NXP-74HCT1G04GW Datasheet
76Kb / 11P
   Inverter
Rev. 04-16 July 2007
logo
Nexperia B.V. All right...
74HCT1G04GW NEXPERIA-74HCT1G04GW Datasheet
206Kb / 10P
   Inverter
Rev. 6 - 21 January 2022
74HCT1G04GW-Q100 NEXPERIA-74HCT1G04GW-Q100 Datasheet
678Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74HCT1G04GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com