Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G08GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC1G08GW
Description  2-input AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G08GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC1G08GW Datasheet HTML 2Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 3Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 4Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 5Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 6Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 7Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 8Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 9Page - NXP Semiconductors 74HC1G08GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2002 May 17
6
Philips Semiconductors
Product specification
2-input AND gate
74HC1G08; 74HCT1G08
Family 74HCT1G
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
1.6
2.0
V
VIL
LOW-level input
voltage
4.5 to 5.5
1.2
0.8
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −20 µA
4.5
4.4
4.5
4.4
V
VI =VIH or VIL;
IO = −2.0 mA
4.5
4.13
4.32
3.7
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =20 µA
4.5
0
0.1
0.1
V
VI =VIH or VIL;
IO = 2.0 mA
4.5
0.15
0.33
0.4
V
ILI
input leakage current VI =VCC or GND
5.5
−−
1.0
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
10
20
µA
∆I
CC
additional supply
current per input
VI =VCC − 2.1 V;
IO =0
4.5 to 5.5
−−
500
850
µA


Similar Part No. - 74HC1G08GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G08GW NXP-74HC1G08GW Datasheet
76Kb / 11P
   2-input AND gate
Rev. 04-17 July 2007
74HC1G08GW NXP-74HC1G08GW Datasheet
69Kb / 12P
   2-input AND gate
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HC1G08GW NEXPERIA-74HC1G08GW Datasheet
208Kb / 11P
   2-input AND gate
Rev. 6 - 17 January 2022
74HC1G08GW-Q100 NEXPERIA-74HC1G08GW-Q100 Datasheet
727Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74HC1G08GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com