Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E32M72S-XSBX Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3E32M72S-XSBX
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-XSBX Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3E32M72S-XSBX Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 12Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 13Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 14Page - White Electronic Designs Corporation W3E32M72S-XSBX Datasheet HTML 15Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
W3E32M72S-XSBX
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2006
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1-5, 16)
VCC, VCCQ = +2.5V ± 0.2V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Min
Max
Units
Supply Voltage (36, 41)
VCC
2.3
2.7
V
I/O Supply Voltage (36, 41, 44)
VCCQ
2.3
2.7
V
Input Leakage Current: Any input 0V ≤ VIN ≤ VCC (All other pins not under test = 0V)
II
-2
2
µA
Input Leakage Address Current (All other pins not under test = 0V)
II
-10
10
µA
Output Leakage Current: I/Os are disabled; 0V ≤ VOUT ≤ VCCQ
IOZ
-5
5
µA
Output Levels: Full drive option (37, 39)
High Current (VOUT = VCCQ - 0.373V, minimum VREF, minimum VTT)
Low Current (VOUT = 0.373V, maximum VREF, maximum VTT)
IOH
-16.8
-
mA
IOL
16.8
-
mA
Output Levels: Reduced drive option (38, 39)
High Current (VOUT = VCCQ - 0.763V, minimum VREF, minimum VTT)
Low Current (VOUT = 0.763V, maximum VREF, maximum VTT)
IOHR
-9
-
mA
IOLR
9-
mA
I/O Reference Voltage (6,44)
VREF
0.49 x VCCQ
0.51 x VCCQ
V
I/O Termination Voltage (7, 44)
VTT
VREF - 0.04
VREF + 0.04
V
AC INPUT OPERATING CONDITIONS
VCC, VCCQ = +2.5V ± 0.2V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH
VREF +0.500
V
Input Low (Logic 0) Voltage
VIL
—VREF -0.500
V


Similar Part No. - W3E32M72S-XSBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XBX WEDC-W3E32M72S-XBX Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-XSBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XBX WEDC-W3E32M72S-XBX Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com