Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E16M64S-200BI Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3E16M64S-200BI
Description  16Mx64 DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M64S-200BI Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3E16M64S-200BI Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 9Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 10Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 11Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 12Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 13Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M64S-XBX
February 2005
Rev. 4
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VCC, VCCQ Supply relative to Vss
-1 to 3.6
V
Voltage on I/O pins relative to VSS
-1 to 3.6
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +150
°C
NOTE:
Stress greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 13)
Parameter
Symbol
Max
Unit
Input Capacitance: CLK
CI1
8
pF
Addresses, BA0-1 Input Capacitance
CA
30
pF
Input Capacitance: All other input-only pins
CI2
8
pF
Input/Output Capacitance: I/Os
CIO
12
pF
BGA THERMAL RESISTANCE
Description
Symbol
Max
Units
Notes
Junction to Ambient (No Airflow)
Theta JA
14.5
°C/W
1
Junction to Ball
Theta JB
10.0
°C/W
1
Junction to Case (Top)
Theta JC
5.4
°C/W
1
NOTE 1:
Refer to PBGA Thermal Resistance Correlation application note at www.wedc.com in the
application notes section for modeling conditions.


Similar Part No. - W3E16M64S-200BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-200BC WEDC-W3E16M72S-200BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BI WEDC-W3E16M72S-200BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BM WEDC-W3E16M72S-200BM Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BC WEDC-W3E16M72S-250BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BI WEDC-W3E16M72S-250BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results

Similar Description - W3E16M64S-200BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com