Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G08 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT1G08
Description  2-input AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G08 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT1G08 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 May 17
3
Philips Semiconductors
Product specification
2-input AND gate
74HC1G08; 74HCT1G08
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC1G08GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
HE
74HCT1G08GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
TE
74HC1G08GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
H08
74HCT1G08GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
T08
PIN
SYMBOL
DESCRIPTION
1
B
data input B
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
5
4
MNA112
08
VCC
A
Y
GND
B
Fig.2 Logic symbol.
handbook, halfpage
MNA113
B
A
Y
2
1
4
Fig.3 IEC logic symbol.
handbook, halfpage
MNA114
2
4
&
1
Fig.4 Logic diagram.
handbook, halfpage
MNA115
B
A
Y


Similar Part No. - 74HCT1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G08 NXP-74HCT1G08 Datasheet
76Kb / 11P
   2-input AND gate
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HCT1G08 NEXPERIA-74HCT1G08 Datasheet
208Kb / 11P
   2-input AND gate
Rev. 6 - 17 January 2022
logo
NXP Semiconductors
74HCT1G08GV NXP-74HCT1G08GV Datasheet
76Kb / 11P
   2-input AND gate
Rev. 04-17 July 2007
74HCT1G08GV NXP-74HCT1G08GV Datasheet
69Kb / 12P
   2-input AND gate
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HCT1G08GV NEXPERIA-74HCT1G08GV Datasheet
208Kb / 11P
   2-input AND gate
Rev. 6 - 17 January 2022
More results

Similar Description - 74HCT1G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com