Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E16M72S-XBX Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3E16M72S-XBX
Description  16Mx72 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M72S-XBX Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3E16M72S-XBX Datasheet HTML 1Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 2Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M72S-XBX Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M72S-XBX
February 2005
Rev. 7
GENERAL DESCRIPTION
The 128MByte (1Gb) DDR SDRAM is a high-speed CMOS,
dynamic random-access, memory using 5 chips containing
268,435,456 bits. Each chip is internally configured as a
quad-bank DRAM. Each of the chip’s 67,108,864-bit banks
is organized as 8,192 rows by 512 columns by 16 bits.
The 128 MB DDR SDRAM uses a double data rate
architecture to achieve high-speed operation. The
double data rate architecture is essentially a 2n-prefetch
architecture with an interface designed to transfer two data
words per clock cycle at the I/O pins. A single read or write
access for the 128MB DDR SDRAM effectively consists
of a single 2n-bit wide, one-clock-cycle data tansfer at the
internal DRAM core and two corresponding n-bit wide,
one-half-clock-cycle data transfers at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally,
16Mx72 DDR SDRAM
FEATURES
DDR SDRAM Rate = 200, 250, 266
Package:
• 219 Plastic Ball Grid Array (PBGA), 32 x 25mm
2.5V ±0.2V core power supply
2.5V I/O (SSTL_2 compatible)
Differential clock inputs (CLK and CLK#)
Commands entered on each positive CLK edge
Internal pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
Programmable Burst length: 2,4 or 8
Bidirectional data strobe (DQS) transmitted/received
with data, i.e., source-synchronous data capture
(one per byte)
DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
DLL to align DQ and DQS transitions with CLK
Four internal banks for concurrent operation
Two data mask (DM) pins for masking write data
Programmable IOL/IOH option
Auto precharge option
Auto Refresh and Self Refresh Modes
Commercial, Industrial and Military Temperature
Ranges
Organized as 16M x 72
Weight: W3E16M72S-XBX – 3.55 grams typical
* This product is subject to change without notice..
BENEFITS
40% SPACE SAVINGS
Reduced part count
Reduced I/O count
• 34% I/O Reduction
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Laminate interposer for optimum TCE match
Upgradeable to 32M x 72 density
(W3E32M72S-XBX)
25
32
66
TSOP
66
TSOP
66
TSOP
66
TSOP
11.9
11.9
11.9
11.9
11.9
22.3
Monolithic Solution
Actual Size
W3E16M72S-XBX
S
A
V
I
N
G
S
Area
I/O
Count
5 x 265mm2 = 1328mm2
5 x 66 pins = 330 pins
800mm2
40%
219 Balls
34%
W3E16M72S-XBX
White Electronic Designs


Similar Part No. - W3E16M72S-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72SR-200BC WEDC-W3E16M72SR-200BC Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-200BI WEDC-W3E16M72SR-200BI Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-200BM WEDC-W3E16M72SR-200BM Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-225BC WEDC-W3E16M72SR-225BC Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-225BI WEDC-W3E16M72SR-225BI Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
More results

Similar Description - W3E16M72S-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72SR-XBX WEDC-W3E16M72SR-XBX Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com