Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3E16M64S-266BM Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3E16M64S-266BM
Description  16Mx64 DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M64S-266BM Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3E16M64S-266BM Datasheet HTML 2Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 9Page - White Electronic Designs Corporation W3E16M64S-266BM Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M64S-XBX
February 2005
Rev. 4
EXTENDED MODE REGISTER
The extended mode register controls functions beyond
those controlled by the mode register; these additional
functions are DLL enable/disable, output drive strength,
and QFC#. These functions are controlled via the bits
shown in Figure 5. The extended mode register is
programmed via the LOAD MODE REGISTER command
to the mode register (with BA0 = 1 and BA1 = 0) and
will retain the stored information until it is programmed
again or the device loses power. The enabling of the DLL
should always be followed by a LOAD MODE REGISTER
command to the mode register (BA0/BA1 both LOW) to
reset the DLL.
The extended mode register must be loaded when all
banks are idle and no bursts are in progress, and the
controller must wait the specified time before initiating
any subsequent operation. Violating either of these
requirements could result in unspecified operation.
TABLE 1 – BURST DEFINITION
FIGURE 3 – MODE REGISTER DEFINITION
M3 = 0
2
4
8
Reserved
Reserved
Reserved
M3 = 1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Normal Operation
Normal Operation/Reset DLL
All other states reserved
00
Valid
Valid
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
Reserved
Reserved
2.5
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Operating Mode
A10
A11
* M14 and M13
(BA0 and BA1 must be
"0, 0" to select
the base mode register
(vs. the extended
mode register).
0*
0*
BA0
BA1
Reserved
Reserved
Reserved
Reserved
M9
M10
M11
0
0
0
10
0
0
0
--
-
-
-
-
A12
M12
0
0
-
Burst
Length
Starting Column
Address
Order of Accesses Within a Burst
Type = Sequential
Type = Interleaved
2
A0
0
0-1
0-1
1
1-0
1-0
4
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
NOTES:
1.
For a burst length of two, A1-Ai select two-data-element block; A0 selects the
starting column within the block.
2.
For a burst length of four, A2-Ai select four-data-element block; A0-1 select the
starting column within the block.
3.
For a burst length of eight, A3-Ai select eight-data-element block; A0-2 select the
starting column within the block.
4.
Whenever a boundary of the block is reached within a given sequence above, the
following access wraps within the block.


Similar Part No. - W3E16M64S-266BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-200BC WEDC-W3E16M72S-200BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BI WEDC-W3E16M72S-200BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BM WEDC-W3E16M72S-200BM Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BC WEDC-W3E16M72S-250BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BI WEDC-W3E16M72S-250BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results

Similar Description - W3E16M64S-266BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com