Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG72256V10D2 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG72256V10D2
Description  2GB - 256Mx72 SDRAM, REGISTER and SPD, w/PLL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG72256V10D2 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG72256V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG72256V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG72256V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG72256V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG72256V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG72256V10D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
W3DG72256V-D2
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2005
Rev. 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
36
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0°C ≤ TA ≤ 70°
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
μA
3
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers
with Tri-State outputs.
CAPACITANCE
TA = 25 °C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
9pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
9pF
Input Capacitance (CKE0)
CIN3
9pF
Input Capacitance (CLK0)
CIN4
17
pF
Input Capacitance (CS0#,CS2#)
CIN5
9pF
Input Capacitance (DQM0-DQM7)
CIN6
7pF
Input Capacitance (BA0-BA1)
CIN7
9pF
Data input/output capacitance (DQ0-DQ63)
COUT
16
pF
Data input/output capacitance (CB0-CB7)
COUT1
16
pF


Similar Part No. - W3DG72256V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72256V10AD2I-MG WEDC-W3DG72256V10AD2I-MG Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3DG72256V10AD2I-SG WEDC-W3DG72256V10AD2I-SG Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
More results

Similar Description - W3DG72256V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG728V-D2 WEDC-W3DG728V-D2 Datasheet
77Kb / 5P
   64MB-8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7266V-D2 WEDC-W3DG7266V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7216V-D2 WEDC-W3DG7216V-D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7233V-D2 WEDC-W3DG7233V-D2 Datasheet
152Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72128V-D2 WEDC-W3DG72128V-D2 Datasheet
136Kb / 6P
   1GB- 128Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com