Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG7268V75JD1 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3DG7268V75JD1
Description  512MB- 64Mx72 SDRAM UNBUFFERED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7268V75JD1 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3DG7268V75JD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 7Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 8Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 9Page - White Electronic Designs Corporation W3DG7268V75JD1 Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
W3DG7268V-D1
-JD1
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 2
PRELIMINARY
NOT
RECOMMENDED
FOR
NEW
DESIGNS
Note: For industrial temperature range product, add an "I" to the end of the part number.
Ordering Information
Speed
CAS Latency
Height*
W3DG7268V10AD1
100MHz
CL=2
31.75 (1.25”) MAX
W3DG7268V7AD1
133MHz
CL=2
31.75 (1.25”) MAX
W3DG7268V75AD1
133MHz
CL=3
31.75 (1.25”) MAX
PACKAGE DIMENSIONS FOR D1
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
31.75
(1.25)
Max
3.81
(0.150)
MAX.
0.99
(0.039)
(± 0.004)
PACKAGE DIMENSIONS FOR D1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - W3DG7268V75JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V75AD1 WEDC-W3DG7268V75AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
More results

Similar Description - W3DG7268V75JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com