Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA42335M035AA Datasheet(PDF) 5 Page - DB Lectro Inc

Part # CA42335M035AA
Description  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA42335M035AA Datasheet(HTML) 5 Page - DB Lectro Inc

  CA42335M035AA Datasheet HTML 1Page - DB Lectro Inc CA42335M035AA Datasheet HTML 2Page - DB Lectro Inc CA42335M035AA Datasheet HTML 3Page - DB Lectro Inc CA42335M035AA Datasheet HTML 4Page - DB Lectro Inc CA42335M035AA Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
YHC
MAX.DCL
MAX DF
Part Number
25
æ
æ
æ
æ
25
æ
æ
æ
æ 120HZ
Cap.Tol.–10%
(uA)
(% )
0.1
A
CA42104M050AA
0.5
4
0.15
A
CA42154M050AA
0.5
4
0.22
A
CA42224M050AA
0.5
4
0.33
A
CA42334M050AA
0.5
4
0.47
A
CA42474M050AA
0.5
4
0.68
A
CA42684M050AA
0.5
4
1
B
CA42105M050AA
0.5
4
1.5
C
CA42155M050AA
0.7
6
2.2
C
CA42225M050AA
1.1
6
3.3
D
CA42335M050AA
1.6
6
4.7
D
CA42475M050AA
2.3
6
6.8
E
CA42685M050AA
3.4
6
10
E
CA42106M050AA
5
8
15
F
CA42156M050AA
7.5
8
22
F
CA42226M050AA
11
8
Cap.
(uF)
Case
Code
50 Volt Rating at +85
æ
æ
æ
æ (35Volt Rating at +125æ
æ
æ
æ )
Standard Rating
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - CA42335M035AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CA4200 VISHAY-CA4200 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CA4220 VISHAY-CA4220 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results

Similar Description - CA42335M035AA

ManufacturerPart #DatasheetDescription
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com