Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG7266V10D2 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3DG7266V10D2
Description  512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7266V10D2 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

  W3DG7266V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 7Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 8Page - White Electronic Designs Corporation W3DG7266V10D2 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
W3DG7266V-D2
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2005
Rev. 3
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
17.78
(0.700)
30.48
(1.20)
MAX.
3.99
(0.157)
MIN.
1.27 ± 0.10
(0.050 ± 0.004)
MEASURED AFTER
PLATING
OVER FINGERS.
4.32
(0.170)
MAX.
133.48 (5.255)
MAX.
SEE NOTE 1
54.61
(2.150)
6.35
(0.250)
115.57
(4.550)
42.19
(1.661)
36.83
(1.450)
6.35
(0.250)
3.18
(0.125)
(2X)
15.60
(0.614)
11.43
(0.450)
3.99
(0.157)
(2X)
ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS
ORDERING INFORMATION FOR D2
Part Number
Speed
CAS Latency
Height*
W3DG7266V10D2
100MHz
CL=2
30.48 (1.20”)
W3DG7266V7D2
133MHz
CL=2
30.48 (1.20”)
W3DG7266V75D2
133MHz
CL=3
30.48 (1.20”)
NOTES:
• Consult Factory for availability of Lead-Free products. (F = Lead-Free, G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is
shown as lower case “x” in the part numbers above and is to be replaced with the respective vendors code. Consult
factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3DG7266V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7263V10D2 WEDC-W3DG7263V10D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7263V75D2 WEDC-W3DG7263V75D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7263V7D2 WEDC-W3DG7263V7D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
More results

Similar Description - W3DG7266V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3DG728V-D2 WEDC-W3DG728V-D2 Datasheet
77Kb / 5P
   64MB-8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72256V-D2 WEDC-W3DG72256V-D2 Datasheet
129Kb / 6P
   2GB - 256Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7216V-D2 WEDC-W3DG7216V-D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7233V-D2 WEDC-W3DG7233V-D2 Datasheet
152Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com