Electronic Components Datasheet Search |
|
CA42225M035AA Datasheet(PDF) 1 Page - DB Lectro Inc |
|
CA42225M035AA Datasheet(HTML) 1 Page - DB Lectro Inc |
1 / 5 page CA42 Dipped Tantalum Capacitors. Features Small units with high stable performance, lower current leakage and dissipation factor, stable frequency and temperature and long life. suitable for military equipment and computer ,telephone and other electronic products. Meets IEC384-15-3 and GB7215-87 standard. -55 æ æ æ æ +85 æ æ æ æ +125 æ æ æ æ -55 æ æ æ æ +20 æ æ æ æ +85 æ æ æ æ +125 æ æ æ æ +85 æ æ æ æ +125 æ æ æ æ Ü Ü Ü Ü1.0 646 6 1.5~6.8 8 6 8 8 10~68 10 8 10 10 100~330 12 10 12 12 12.5 I0 –10 –15 –25 10 I0 Cap.( Ì Ì Ì ÌF) Capacitance Change ¨ ¨ ¨ ¨%© © © © Max D.F(%) Max DCL ¨Ì ¨Ì ¨Ì ¨ÌA© © © © General Characteristics Operating temperature : -55°C ~125°C Capacitance Tolerance :±20% ,±10%,±5% (Special Order). Capacitance Range :0.1µF~330 µF DC leakage current(20°C) I0 < =0.01CR UR or 0.5µA (whichever is greater) . Dissipation factor (20°C)See table 1 Temperature performance: see table 1. Climatic category: 55/125/10. Life test: 1000 hours Table 1 Case D H L d Size ¨MAX©¨MAX©¨–1©¨–0.05© A 4.0 6.0 14.0 0.5 B 4.8 7.2 14.0 0.5 C 5.5 8.0 14.0 0.5 D 6.0 9.4 14.0 0.5 E 7.2 11.5 14.0 0.5 F 8.2 12.5 14.0 0.5 DIMENSIONS IN MM Exterior Dimensions PD P0 T 1 ¤h -0.5 H W0 S2.5–0.5 5.0–0.7 0.75 -0.5 1 0 H1 ¤P P1 5.10– 0.5 3.85– 0.7 32.5max –1.3max W2 0P2 6.35–0.4 5min H2 9 W18 0–2.0 16–0.5 12.7–1.0 4.0–0.3 12.7–0.3 0.5–0.2 Symbol Dimensions Symbol Dimensions (mm) (mm) Marking&Packaging Packaging Tape B:Bulk T:Reel A:Ammo Dimension of tape and reel(Per specification IEC286-2) DB LECTRO Inc. DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 |
Similar Part No. - CA42225M035AA |
|
Similar Description - CA42225M035AA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |