Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG7234V7D2 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG7234V7D2
Description  256MB- 32Mx72 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7234V7D2 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG7234V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7234V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7234V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7234V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7234V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7234V7D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
White Electronic Designs
W3DG7234V-D2
June, 2004
Rev. 1
PRELIMINARY
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
18
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0°C ≤ TA ≤ 70°
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
——
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
μA
3
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25 °C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A11)
CIN1
74
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
74
pF
Input Capacitance (CKE0)
CIN3
37
pF
Input Capacitance (CLK0)
CIN4
6pF
Input Capacitance (CS0#,CS2#)
CIN5
40
pF
Input Capacitance (DQM0-DQM7)
CIN6
11
pF
Input Capacitance (BA0-BA1)
CIN7
74
pF
Data input/output capacitance (DQ0-DQ63)
COUT
15
pF
Data input/output capacitance (CB0-CB7)
COUT1
15
pF


Similar Part No. - W3DG7234V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7232V-JD1 WEDC-W3DG7232V-JD1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V10AD1 WEDC-W3DG7232V10AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results

Similar Description - W3DG7234V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
logo
Elpida Memory
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com