Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG6335V7D2 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3DG6335V7D2
Description  256MB - 32Mx64 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6335V7D2 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3DG6335V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG6435V-D2
July 2004
Rev. 0
PRELIMINARY*
256MB - 32Mx64 SDRAM UNBUFFERED
DESCRIPTION
The W3DG6435V is a 32Mx64 synchronous DRAM module
which consists of eight 32Mx8 SDRAM components in
TSOP II package and one 2K EEPROM in an 8 pin TSSOP
package for Serial Presence Detect which are mounted
on a 168 Pin DIMM multilayer FR4 Substrate.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
FEATURES
PC100 and PC133 compatible
Burst Mode Operation
Auto and Self Refresh capability
LVTTL compatible inputs and outputs
Serial Presence Detect with EEPROM
Fully synchronous: All signals are registered on the
positive edge of the system clock
Programmable Burst Lengths: 1, 2, 4, 8 or Full
Page
3.3V ± 0.3V Power Supply
168 Pin DIMM JEDEC
PIN NAMES
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
PIN
FRONT
PIN
FRONT
PIN
FRONT
PIN
BACK
PIN
BACK
PIN
BACK
1VSS
29
DQM1
57
DQ18
85
VSS
113
DQM5
141
DQ50
2
DQ0
30
CS0#
58
DQ19
86
DQ32
114
CS1#
142
DQ51
3
DQ1
31
DNU
59
VCC
87
DQ33
115
RAS#
143
VCC
4
DQ2
32
VSS
60
DQ20
88
DQ34
116
VSS
144
DQ52
5
DQ3
33
A0
61
NC
89
DQ35
117
A1
145
NC
6VCC
34
A2
62
*VREF
90
VCC
118
A3
146
*VREF
7
DQ4
35
A4
63
CKE1
91
DQ36
119
A5
147
DNU
8
DQ5
36
A6
64
VSS
92
DQ37
120
A7
148
VSS
9
DQ6
37
A8
65
DQ21
93
DQ38
121
A9
149
DQ53
10
DQ7
38
A10/AP
66
DQ22
94
DQ39
122
BA0
150
DQ54
11
DQ8
39
BA1
67
DQ23
95
DQ40
123
A11
151
DQ55
12
VSS
40
VCC
68
VSS
96
VSS
124
VCC
152
VSS
13
DQ9
41
VCC
69
DQ24
97
DQ41
125
CLK1
153
DQ56
14
DQ10
42
CLK0
70
DQ25
98
DQ42
126
*A12
154
DQ57
15
DQ11
43
VSS
71
DQ26
99
DQ43
127
VSS
155
DQ58
16
DQ12
44
DNU
72
DQ27
100
DQ44
128
CKE0
156
DQ59
17
DQ13
45
CS2#
73
VCC
101
DQ45
129
CS3#
157
VCC
18
VCC
46
DQM2
74
DQ28
102
VCC
130
DQM6
158
DQ60
19
DQ14
47
DQM3
75
DQ29
103
DQ46
131
DQM7
159
DQ61
20
DQ15
48
DNU
76
DQ30
104
DQ47
132
*A13
160
DQ62
21
*CB0
49
VCC
77
DQ31
105
*CB4
133
VCC
161
DQ63
22
*CB1
50
NC
78
VSS
106
*CB5
134
NC
162
VSS
23
VSS
51
NC
79
CLK2
107
VSS
135
NC
163
CLK3
24
NC
52
*CB2
80
NC
108
NC
136
*CB6
164
NC
25
NC
53
*CB3
81
WP***
109
NC
137
*CB7
165
**SA0
26
VCC
54
VSS
82
**SDA
110
VCC
138
VSS
166
**SA1
27
WE#
55
DQ16
83
**SCL
111
CAS#
139
DQ48
167
**SA2
28
DQM0
56
DQ17
84
VCC
112
DQM4
140
DQ49
168
VCC
** These pins should be NC in the system
which does not support SPD.
*** WP available on the WED3DG6335V-D2.
A0 – A12
Address input (Multiplexed)
BA0-1
Select Bank
DQ0-63
Data Input/Output
CB0-7
Check bit (Data-in/Data-out)
CLK0-CLK3
Clock input
CKE0#
Clock Enable input
CS0#-CS2#
Chip select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DQM0-7
DQM
VCC
Power Supply (3.3V)
VSS
Ground
SDA
Serial data I/O
SCL
Serial clock
DNU
Do not use
NC
No Connect
WP
Write Protect


Similar Part No. - W3DG6335V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6334V10D2 WEDC-W3DG6334V10D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
W3DG6334V75D2 WEDC-W3DG6334V75D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
W3DG6334V7D2 WEDC-W3DG6334V7D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6335V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-AD1 WEDC-WED3DG6435V-AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-D1 WEDC-WED3DG6435V-D1 Datasheet
132Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com