Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG6332V10D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED3DG6332V10D2
Description  256MB- 32Mx64 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6332V10D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED3DG6332V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6332V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6332V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6332V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6332V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
June 2003 Rev. 1
ECO #16361
W3DG6432V-D2
5
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
ALL DIMENSIONS ARE IN INCHES
.157 (2X)
.350
.614
.250
P1
.450
.125 (2X)
5.255 MAX.
4.550
.250
2.150
.050 ± .004
.157
MIN.
.150 MAX.
1.000
MAX.
.700
278
2.275
1.450
PACKAGE DIMENSIONS
ORDERING INFORMATION
Note: Modules are available in industrial temperature - 40°C to 85°C. Add an "I"
to the end of the part number.
Part Number
Speed
CAS Latency
WED3DG6332V10D2
100MHz
CL=2
WED3DG6332V7D2
133MHz
CL=2
WED3DG6332V75D2
133MHz
CL=3
Note: Available with WP (write protect) on pin 81.
Part Number
Speed
CAS Latency
W3DG6432V10D2
100MHz
CL=2
W3DG6432V7D2
133MHz
CL=2
W3DG6432V75D2
133MHz
CL=3


Similar Part No. - WED3DG6332V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6333V10D2 WEDC-WED3DG6333V10D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6333V75D2 WEDC-WED3DG6333V75D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6332V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-AD1 WEDC-WED3DG6435V-AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-D1 WEDC-WED3DG6435V-D1 Datasheet
132Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com