Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F828D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # N74F828D
Description  10-bit buffer/line driver, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F828D Datasheet(HTML) 5 Page - NXP Semiconductors

  N74F828D Datasheet HTML 1Page - NXP Semiconductors N74F828D Datasheet HTML 2Page - NXP Semiconductors N74F828D Datasheet HTML 3Page - NXP Semiconductors N74F828D Datasheet HTML 4Page - NXP Semiconductors N74F828D Datasheet HTML 5Page - NXP Semiconductors N74F828D Datasheet HTML 6Page - NXP Semiconductors N74F828D Datasheet HTML 7Page - NXP Semiconductors N74F828D Datasheet HTML 8Page - NXP Semiconductors N74F828D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74F827, 74F828
Buffers
1994 Dec 05
5
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Nom
Max
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–24
mA
IOL
Low-level output current
64
mA
Tamb
Operating free-air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP2
MAX
UNIT
MIN
TYP
MAX
VCC = MIN,
VIL = MAX
IOH = –15mA
"10%VCC
2.4
V
VOH
High-level output voltage
VIL = MAX,
VIH = MIN
IOH = –15mA
"5%VCC
2.4
3.3
V
VOH
High-level out ut voltage
VCC = MIN,
VIL = MAX
IOH = –24mA
"10%VCC
2.0
V
VIL = MAX,
VIH = MIN
IOH = –24mA
"5%VCC
2.0
V
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
IOL MAX
"10%VCC
0.55
V
VOL
Low-level out ut voltage
VIL = MAX,
VIH = MIN
IOL = MAX
"5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = 0.0V, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–20
µA
IOZH
Off-state output current,
High voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current,
Low voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short circuit output current3
VCC = MAX
–100
–225
mA
ICCH
50
70
mA
74F827
ICCL
VCC = MAX
70
100
mA
ICC
Supply current
ICCZ
60
90
mA
ICC
y
(total)
ICCH
30
45
mA
74F828
ICCL
VCC = MAX
65
85
mA
ICCZ
55
70
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under operating conditions for the applicable type.
2. All typical values are at VCC = 5V, TA = 25°C.
3. Not more than one output should be shorted at one time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - N74F828D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F821D PHILIPS-N74F821D Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F821N PHILIPS-N74F821N Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F822D PHILIPS-N74F822D Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F822N PHILIPS-N74F822N Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F823D PHILIPS-N74F823D Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
More results

Similar Description - N74F828D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com