Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6604 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6604
Description  Ultra Low Power Multi I/O Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6604 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6604 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
EM6604
03.02 REV. D/440
Copyright
 2002, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
1.
Operating modes
The EM6604 has a low power dissipation StandBy
mode.
1.1
STANDBY Mode
Executing a HALT instruction puts the EM6604
into the StandBy mode. The voltage regulator,
oscillator, Watchdog timer, interrupts and timer
are operating. However, the CPU stops since the
clock related to instruction execution stops,
registers, RAM, and I/O pins retain their states
prior to StandBy mode. StandBy is canceled by a
RESET or an Interrupt request, if enabled
.
Table 1.1 shows the state of the EM6604
functions mode.
2. Power Supply
Circuit is supplied by single external power
supply between VDD and VSS. Circuit
reference is at VSS (ground). To overcome
problems with high power output buffers when
they are active, internal logic VDDCA can be
switched-off from main VDD (SW bit set to “1“
in SwCtr register) and is maintained by an
external capacitor. High power outputs are
supplied directly from main VDD.
Figure 4 Mode transition diagram
Table 1.1 STANDBY activities
FUNCTION
STANDBY
Oscillator
Active
Instruction Execution
Stopped
Registers and Flags
Retained
Interrupt Functions
Active
RAM
Retained
Timer
Active
Watchdog
Active
I/O pins
Active
Supply VLD
Stopped
Reset pin
Active


Similar Part No. - EM6604

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP11 EMMICRO-EM6603WP11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP27 EMMICRO-EM6603WP27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS11 EMMICRO-EM6603WS11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS27 EMMICRO-EM6603WS27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6604

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
logo
Puya Semiconductor Co.,...
PY25Q80HB PUYA-PY25Q80HB Datasheet
2Mb / 80P
   Ultra-Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32SH PUYA-P25Q32SH Datasheet
3Mb / 106P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 10, 2021
P25Q128H PUYA-P25Q128H Datasheet
3Mb / 104P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q128L PUYA-P25Q128L Datasheet
3Mb / 107P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q80LE PUYA-P25Q80LE Datasheet
2Mb / 73P
   Ultra Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
Nov.12, 2019
P25Q64U PUYA-P25Q64U Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q64H PUYA-P25Q64H Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q32H PUYA-P25Q32H Datasheet
3Mb / 97P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q16SU PUYA-P25Q16SU Datasheet
3Mb / 107P
   Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Jan. 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com