Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F827D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F827D
Description  10-bit buffer/line driver, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F827D Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F827D Datasheet HTML 1Page - NXP Semiconductors N74F827D Datasheet HTML 2Page - NXP Semiconductors N74F827D Datasheet HTML 3Page - NXP Semiconductors N74F827D Datasheet HTML 4Page - NXP Semiconductors N74F827D Datasheet HTML 5Page - NXP Semiconductors N74F827D Datasheet HTML 6Page - NXP Semiconductors N74F827D Datasheet HTML 7Page - NXP Semiconductors N74F827D Datasheet HTML 8Page - NXP Semiconductors N74F827D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74F827, 74F828
Buffers
1994 Dec 05
4
LOGIC DIAGRAM 74F827
2
D0
Q0
23
1
OE0
3
D1
Q1
22
4
D2
Q2
21
5
D3
Q3
20
6
D4
Q4
19
7
D5
Q5
18
8
D6
Q6
17
9
D7
Q7
16
10
D8
Q8
15
11
D9
Q9
14
13
OE1
VCC = Pin 24
GND = Pin 12
SF00272
LOGIC DIAGRAM 74F828
2
D0
Q0
23
1
OE0
3
D1
Q1
22
4
D2
Q2
21
5
D3
Q3
20
6
D4
Q4
19
7
D5
Q5
18
8
D6
Q6
17
9
D7
Q7
16
10
D8
Q8
15
11
D9
Q9
14
13
OE1
VCC = Pin 24
GND = Pin 12
SF00280
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS
74F827
74F828
OPERATING MODE
OEn
Dn
Qn
Qn
L
L
L
H
Transparent
L
H
H
L
Transparent
H
X
Z
Z
High impedance
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
128
mA
TA
Operating free-air temperature range
0 to + 70
°C
Tstg
Storage temperature range
–65 to + 150
°C


Similar Part No. - N74F827D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F827D NXP-N74F827D Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
N74F827DB NXP-N74F827DB Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
More results

Similar Description - N74F827D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com