Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F826 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F826
Description  Bus interface registers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F826 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F826 Datasheet HTML 4Page - NXP Semiconductors 74F826 Datasheet HTML 5Page - NXP Semiconductors 74F826 Datasheet HTML 6Page - NXP Semiconductors 74F826 Datasheet HTML 7Page - NXP Semiconductors 74F826 Datasheet HTML 8Page - NXP Semiconductors 74F826 Datasheet HTML 9Page - NXP Semiconductors 74F826 Datasheet HTML 10Page - NXP Semiconductors 74F826 Datasheet HTML 11Page - NXP Semiconductors 74F826 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
8
LOGIC DIAGRAM FOR 74F824
VCC = Pin 24
GND = Pin 12
D0
D
R
Q
Q0
2
23
D1
Q1
3
22
D2
Q2
4
21
D3
Q3
5
20
D4
Q4
6
19
D5
Q5
7
18
D6
Q6
8
17
D7
Q7
9
16
D8
Q8
10
15
11
MR
CP
CE
14
SF00503A
1
OE
13
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
FUNCTION TABLE for 74F823 and 74F824
INPUTS
OUTPUTS
INPUTS
74F823
74F824
OPERATING MODE
OE
MR
CE*
CP
Dn
Q
Q
L
L
X
X
X
L
L
Clear
L
H
L
h
H
L
Load and read data
L
H
L
l
L
H
Load and read data
L
H
H
X
X
NC
NC
Hold
H
X
X
X
X
Z
Z
High impedance
H = High-voltage level
h
= High state must be present one setup time before the low-to-high clock transition
L
= Low-voltage level
l
= Low state must be present one setup time before the low-to-high clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
*
= Since CE input is sensitive to very short (<3ns) high-to-low-to-high going spikes while CP is high, users should avoid the use of decoders
or other potentially glitch prone device on the CE input.
↑ = Low-to-high clock transition
LOGIC DIAGRAM FOR 74F825
VCC = Pin 24
GND = Pin 12
D0
D
R
Q
Q0
3
22
D1
Q1
4
21
D2
Q2
5
20
D3
Q3
6
19
D4
Q4
7
18
D5
Q5
8
17
D6
Q6
9
16
D7
Q7
10
15
11
MR
CP
CE
14
1
OE0
SF00504A
13
CP
23
2
OE1
OE2
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP


Similar Part No. - 74F826

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F826AP-RC BOURNS-74F826AP-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
More results

Similar Description - 74F826

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver/Registers
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com