Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6522 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6522
Description  MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6522 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6522 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
R
EM6522
Copyright © 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
4
Reset
110H
Figure 6. illustrates the reset structure of the EM6522. One can see that there are six possible reset sources :
(1) Internal initial reset from the Power On Reset (POR) circuitry.
--> POR
(2) External reset from the Reset terminal.
--> System Reset, Reset CPU
(3) External reset by simultaneous high/low inputs to port A.
--> System Reset, Reset CPU
(Combinations are defined in the registers OptInpRSel1 and OptInpRSel2)
(4) Internal reset from the Digital Watchdog.
--> System Reset, Reset CPU
(5) Internal reset from the Oscillation Detection Circuit.
--> System Reset, Reset CPU
(6) Internal reset when sleep mode is activated.
--> System Reset, Reset CPU
All reset sources activate the System Reset and the Reset CPU. The ‘System Reset Delay’ ensures that the
system reset remains active long enough for all system functions to be reset (active for n system clock cycles).
The ‘CPU Reset Delay’ ensures that the reset CPU remains active until the oscillator is in stable oscillation.
As well as activating the system reset and the reset CPU, the POR also resets all option registers and the
sleep enable (SleepEn) latch. System reset and reset CPU do not reset the option registers nor the SleepEn
latch.
Reset state can be shown on Strobe terminal by selecting StrobeOutSel1,0 = 0 in RegLcdCntl1.
Figure 6. Reset Structure
Syste m R eset
De lay
CPU Re set
Delay
E nable
A ctivate
Digita l
W atchd og
O scilla tion
Dete ctio n
R eset from P ort A
Input C om bination
Reset P A D
Sleep
O ptInpR S leep
Reset
CP U
Inhibit
O scillation
Detection
Inhibit
Digital
W atchdog
PO R
P O R to O ption
R egisters & S leepE n
Latch
DE B O UN CE
S leep
Latch
S leepE n
Latch
PO R
Internal D ata B us
Write R eset
R ead S tatus
Write A ctive
R ead S tatus
C k[10]
Ck[1]
Ck[8]
Ck[1]
C k[15]
PO R
A nalogue
F ilter


Similar Part No. - EM6522

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6522 EMMICRO-EM6522 Datasheet
274Kb / 28P
   Mask Rom
EM6522 EMMICRO-EM6522 Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results

Similar Description - EM6522

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
   MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
   MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
   Ultra Low Power uController with 4x20 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com