Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSR420 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FSR420
Description  Axial Leaded PTC FSR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FSR420 Datasheet(HTML) 2 Page - DB Lectro Inc

  FSR420 Datasheet HTML 1Page - DB Lectro Inc FSR420 Datasheet HTML 2Page - DB Lectro Inc FSR420 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FSR Product Dimensions (Millimeters)
AB
C
D
F
Part
Number
Fig
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FSR120
1
19.9
22.1
4.9
5.2
0.6
1.0
5.5
7.5
3.9
4.1
FSR120S 2
19.9
22.1
4.9
5.2
0.6
1.0
5.5
7.5
3.9
4.1
FSR175
1
20.9
23.1
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
FSR175S 2
20.9
23.1
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
FSR200
1
21.3
23.4
10.2
11.0
0.5
1.1
5.0
7.6
4.8
5.4
FSR350
1
28.4
31.8
13.0
13.5
0.5
1.1
6.3
8.9
6.0
6.6
FSR420
1
30.6
32.4
12.9
13.6
0.5
1.1
5.0
7.5
6.0
6.7
Thermal Derating Curve
Thermal Derating Curve - FSR Series
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
Axial Leaded PTC FSR Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FSR420

ManufacturerPart #DatasheetDescription
logo
RFE international
FSR420F RFE-FSR420F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
logo
Fuzetec Technology Co.,...
FSR420F FUZETEC-FSR420F Datasheet
73Kb / 3P
   Axial Leaded PTC Resettable Fuse: FSR Series
logo
RFE international
FSR420F RFE-FSR420F Datasheet
450Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results

Similar Description - FSR420

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSR120F FUZETEC-FSR120F Datasheet
73Kb / 3P
   Axial Leaded PTC Resettable Fuse: FSR Series
logo
DB Lectro Inc
FLR190 DBLECTRO-FLR190 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
logo
Schurter Inc.
PFST SCHURTER-PFST Datasheet
103Kb / 2P
   Axial leaded PTC-Fuses
PFLT SCHURTER-PFLT Datasheet
96Kb / 2P
   Axial leaded PTC-Fuses
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
   Axial leaded PTC-Fuses
PFVS SCHURTER-PFVS Datasheet
120Kb / 2P
   Axial leaded PTC-Fuses
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
   Axial Leaded PTC Resettable Fuse: FLR Series
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVL Series
FVT110F FUZETEC-FVT110F Datasheet
79Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com