Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F828N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F828N
Description  10-bit buffer/line driver, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F828N Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F828N Datasheet HTML 1Page - NXP Semiconductors N74F828N Datasheet HTML 2Page - NXP Semiconductors N74F828N Datasheet HTML 3Page - NXP Semiconductors N74F828N Datasheet HTML 4Page - NXP Semiconductors N74F828N Datasheet HTML 5Page - NXP Semiconductors N74F828N Datasheet HTML 6Page - NXP Semiconductors N74F828N Datasheet HTML 7Page - NXP Semiconductors N74F828N Datasheet HTML 8Page - NXP Semiconductors N74F828N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F827, 74F828
Buffers
74F827 10-bit buffer/line driver, non-inverting (3-State)
74F828 10-bit buffer/line driver, inverting (3-State)
2
1994 Dec 05
853-0880 14382
FEATURES
High impedance NPN base inputs for reduced loading (20µA in
High and Low states)
I
IL is 20µA vs FAST family spec of 600µA and 1000µA for
AMD 29827/29828 series
Ideal where high speed, light bus loading and increased fan-in are
required
Controlled rise and fall times to minimize ground bounce
Glitch free power-up in 3-State
Flow through pinout architecture for microprocessor oriented
applications
Outputs sink 64mA
74F827 available in SSOP type II package
DESCRIPTION
The 74F827 and 74F828 10-Bit buffers provide high performance
bus interface buffering for wide data/address paths or buses
carrying parity. They have NOR Output Enables (OE0, OE1) for
maximum control flexibility.
The 74F827 and 74F828 are functionally and pin compatible to AMD
AM29827 and AM29828. The 74F828 is an inverting version of
74F827.
TYPE
TYPICAL PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F827
6.0ns
60mA
74F828
6.0ns
55mA
ORDERING INFORMATION
PACKAGES
COMMERCIAL RANGE
VCC = 5V"10%; TA = 0°C to +70°C
DRAWING NUMBER
24-Pin Plastic DIP (300 mil)
N74F827N, N74F828N
SOT222-1
24-Pin Plastic SOL
N74F827D, N74F828D
SOT137-1
24-Pin Plastic SSOP Type II
N74F827DB
SOT340-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0-D9
Data inputs
1.0/0.033
20
µA/20µA
OE0-OE1
Output enable inputs (active Low)
1.0/0.033
20
µA/20µA
Q0-Q9
Data outputs (74F827)
1200/106.7
24mA/64mA
Q0-Q9
Data outputs ( 74F828)
1200/106.7
24mA/64mA
NOTES:
One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6 mA in the Low state.


Similar Part No. - N74F828N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F821D PHILIPS-N74F821D Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F821N PHILIPS-N74F821N Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F822D PHILIPS-N74F822D Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F822N PHILIPS-N74F822N Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
N74F823D PHILIPS-N74F823D Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
More results

Similar Description - N74F828N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com