Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD229 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BD229
Description  PNP power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD229 Datasheet(HTML) 2 Page - NXP Semiconductors

  BD229 Datasheet HTML 1Page - NXP Semiconductors BD229 Datasheet HTML 2Page - NXP Semiconductors BD229 Datasheet HTML 3Page - NXP Semiconductors BD229 Datasheet HTML 4Page - NXP Semiconductors BD229 Datasheet HTML 5Page - NXP Semiconductors BD229 Datasheet HTML 6Page - NXP Semiconductors BD229 Datasheet HTML 7Page - NXP Semiconductors BD229 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Mar 04
2
Philips Semiconductors
Product specification
PNP power transistors
BD227; BD229; BD231
FEATURES
• High current (max. 1.5 A)
• Low voltage (max. 80 V).
APPLICATIONS
• Driver stages in television circuits.
DESCRIPTION
PNP power transistor in a TO-126; SOT32 plastic
package. NPN complements: BD226, BD228 and BD230.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to metal part of
mounting surface
3
base
Fig.1
Simplified outline (TO-126; SOT32)
and symbol.
handbook, halfpage
MAM272
12
3
Top view
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BD227
−−−45
V
BD229
−−−60
V
BD231
−−−100
V
VCEO
collector-emitter voltage
open base
BD227
−−−45
V
BD229
−−−60
V
BD231
−−−80
V
ICM
peak collector current
−−−3A
Ptot
total power dissipation
Tmb ≤ 62 °C
−−
12.5
W
hFE
DC current gain
IC = −150 mA; VCE = −2V
40
250
IC = −1 A; VCE = −2V
25
−−
fT
transition frequency
IC = −50 mA; VCE = −5 V; f = 100 MHz
50
MHz


Similar Part No. - BD229

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD229 ISC-BD229 Datasheet
108Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD229 NJSEMI-BD229 Datasheet
131Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD229

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBD136 HSMC-HBD136 Datasheet
36Kb / 3P
   PNP POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
D41E NJSEMI-D41E Datasheet
764Kb / 2P
   PNP POWER TRANSISTORS
D41D NJSEMI-D41D Datasheet
772Kb / 2P
   PNP POWER TRANSISTORS
2N5404 NJSEMI-2N5404 Datasheet
133Kb / 2P
   PNP POWER TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
2SA2310 FUTUREWAFER-2SA2310 Datasheet
1Mb / 7P
   PNP Power Transistors
23-Jul-2021 V 2.0
logo
New Jersey Semi-Conduct...
2N4902 NJSEMI-2N4902 Datasheet
157Kb / 1P
   PNP POWER TRANSISTORS
logo
Hi-Sincerity Mocroelect...
HBD140 HSMC-HBD140 Datasheet
36Kb / 3P
   PNP POWER TRANSISTORS
logo
NXP Semiconductors
BD136 PHILIPS-BD136 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
logo
FutureWafer Tech Co.,Lt...
2SA8410 FUTUREWAFER-2SA8410 Datasheet
806Kb / 6P
   PNP Power Transistors
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com